Electronic Components Datasheet Search |
|
ECL05US09 Datasheet(PDF) 4 Page - XP Power Limited |
|
ECL05US09 Datasheet(HTML) 4 Page - XP Power Limited |
4 / 6 page Notes ECL15UD/UT ACL Pin1 Pin2 Pin3 Pin4 ACN Pin5 2.44 (62.0) 2.13 (54.1) 0.155 (3.9) 7-ø0.04 (ø1.0) 7-ø0.07 (ø1.8) 0.15 (3.81) 2.80 (71.1) 3.10 (78.7) 4-ø0.13 (ø3.20) ACN Pin5 Pin4 Pin3 Pin2 Pin1 ACL NP 2.56 (65.0) 0.54 (13.7) 0.25 (6.3) 0.54 (13.7) 4-ø0.04 (ø1.0) 0.21 (5.4) 2.13 (54.1) ACN ACL Pin1 Pin4 Pin2 Pin3 Pin5 C1 Top View 1.03 (26.3) 0.39 (10.0) Optional DIN clip 0.18 (4.6) 0.18 (4.5) 2.56 (65.1) 0.10 (2.5) 0.10 (2.5) 0.10 (2.5) 0.27 (6.8) 2.95 (75.0) 3.31 (84.0) 2-ø0.14 (ø3.5) Pin5 Pin4 Pin3 Pin2 Pin1 ACN ACL Top View Mechanical Details Open Frame PCB Mount (P) Open Frame Chassis Mount (T) Encapsulated (E) Screw Terminal (S) Models and Ratings Output Power Output 1 Output 2 Output 3 Efficiency Model Number(3,4) Voltage Current(2) Voltage Current(2) Voltage Current(2) 15 W +12.0 V 0.65 A -12.0 V 0.650 A 82% ECL15UD01 15 W +15.0 V 0.50 A -15.0 V 0.500 A 82% ECL15UD02 15 W 5.0 V(1) 1.50 A 12.0 V(1) 0.625 A 81% ECL15UD03 15 W 5.0 V(1) 2.00 A +12.0 V 0.200 A -12.0 V 0.200 A 81% ECL15UT02 15 W 5.0 V(1) 2.00 A +15.0 V 0.150 A -15.0 V 0.150 A 81% ECL15UT03 Pin UD01/02 UD03 UT02/03 1 V2 NP V3 2 NP V2 RTN COM 3 COM V2 V2 4 V1 V1 V1 5 NP V1 RTN V1 RTN Pin UD01/02 UD03 UT02/03 1 V2 NC V3 2 COM V2 RTN COM 3 COM V2 V2 4 COM V1 V1 5 V1 V1 RTN V1 RTN Pin UD01/02 UD03 UT02/03 1 V2 NP V3 2 NP V2 RTN COM 3 COM V2 V2 4 V1 V1 V1 5 NP V1 RTN V1 RTN Pin UD01/02 UD03 UT02/03 1 V2 NC V3 2 COM V2 RTN COM 3 COM V2 V2 4 COM +V1 V1 5 V1 V1 RTN V1 RTN 1. Isolated output 2. Peak load of 130% lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal. 3. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’ for chassis mount, add ‘-E’ for encapsulated, add ‘-S’ for screw terminals. 4. A screw terminal version (-S) is available with DIN clip attached, add suffix ‘D’ e.g. ECL15UT02-SD, DIN rail mounting kit is available as a separate item, order code ECL15 DIN CLIP. 5. UD01/UD02: Load regulation <3%, 10-100% load. Cross regulation <3%, one output fixed, the other varied from 10-100% load UD03: Load regulation <1% V1, <10% V2 Cross regulation <10% V2, V1 varied from 10-100% load UT02/UT03: Load regulation <1% V1, <10% V2 & V3 Cross regulation <10% V2 & V3, V2 & V3 at 50% load & V1 varied from 20-100% load 1. All dimensions in inches (mm). 2. Tolerances: x.xx = ± 0.02 (x.x = ± 0.5) x.xxx = ± 0.01 (x.xx = ± 0.25) 3. Weight: ECL15 UD/UT: P Version: 0.09 lbs (40 g) T Version: 0.09 lbs (40 g) E Version: 0.21 lbs(95 g) S Version: 0.26 lbs (120 g) Mating Connectors (-T version only) Input Connector: JST PHR-3 Output Connector: JST XHP-5 Notes NP = No pin. NC = No connection. NC = No connection. NP = No pin. |
Similar Part No. - ECL05US09 |
|
Similar Description - ECL05US09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |