Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECL10US15 Datasheet(PDF) 5 Page - XP Power Limited

Part # ECL10US15
Description  Ultra Compact Size
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECL10US15 Datasheet(HTML) 5 Page - XP Power Limited

  ECL10US15 Datasheet HTML 1Page - XP Power Limited ECL10US15 Datasheet HTML 2Page - XP Power Limited ECL10US15 Datasheet HTML 3Page - XP Power Limited ECL10US15 Datasheet HTML 4Page - XP Power Limited ECL10US15 Datasheet HTML 5Page - XP Power Limited ECL10US15 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ECL25
V Adj.
3.46 (87.9)
3.20 (81.3)
4- 0.15 (3.81)
0.13
(3.3)
0.88
(22.4) MAX
1.00
(25.4)
0.13
(3.3)
1.10
(27.9)
1.36
(34.6)
-Vo
+Vo
ACN
ACL
3.01
(76.4)
4x ø0.14
(4x ø3.5)
1.57
(40.0)
0.84
(21.3)
0.44
(11.2)
ACN
ACL
-Vo
+Vo
1.20
(30.5)
3.43 (87.0)
TOP VIEW
1.12
(28.5)
0.39 (10.0)
0.27
(6.8)
0.10
(2.5)
3.78 (96.0)
Optional
DIN clip
0.15
(3.8)
1.36
(34.6)
1.18
(30.0)
0.17
(4.4)
ø0.07 (ø 1.8)
ø0.04 (ø1.0)
0.88
(22.3) MAX
0.09
(2.3)
0.59
(15.0)
0.05
(1.4)
2.85
(72.4)
2.96
(75.2)
0.09
(2.3)
-Vo
+Vo
ACN
ACL
1.10
(27.9)
0.39 (10.0)
4x ø 0.04 (ø1.0)
1.50
(38.1)
0.59
(15.0)
1.18
(30.0)
0.16
(4.1)
2.85
(72.4)
0.13 (3.2)
3.10
(78.7)
-Vo
+Vo
ACL
ACN
TOP VIEW
V Adj.
Mechanical Details
Models and Ratings
Notes
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output
power not to exceed nominal.
2. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’
for chassis mount, add ‘-E’ for encapsulated, add ‘-S’ for screw terminals.
3. A screw terminal version (-S) is available with DIN clip attached, add suffix ‘D’,
e.g. ECL25US24-SD, DIN rail mounting kit is available as a separate item, order
code ECL25/30 DIN CLIP.
1. All dimensions in inches (mm).
2. Weight: ECL25: P Version: 0.14 lbs (66 g)
T Version: 0.14 lbs (66 g)
E Version: 0.33 lbs (150 g)
S Version: 0.37 lbs (170 g)
3. Tolerances: x.xx = ± 0.02 (x.x = ± 0.5)
x.xxx = ± 0.01 (x.xx = ± 0.25)
Mating Connectors (-T version only)
Input Connector: JST XHP-3
Output Connector: JST XHP-6
Crimps: SXH-002T-P0.6
Cable harness with 300 mm wire available, order part no. ECL25 LOOM KIT
Notes
Open Frame
PCB Mount (P)
Open Frame
Chassis Mount (T)
Encapsulated (E)
Screw Terminal (S)
Output
Power
Output
Voltage
Output Current
Efficiency
Model Number(2,3)
Nominal
Peak(1)
20 W
3.3 VDC
6.00 A
7.80 A
75%
ECL25US03
25 W
5.0 VDC
5.00 A
6.50 A
78%
ECL25US05
25 W
9.0 VDC
2.80 A
3.64 A
80%
ECL25US09
25 W
12.0 VDC
2.10 A
2.73 A
80%
ECL25US12
25 W
15.0 VDC
1.67 A
2.17 A
80%
ECL25US15
25 W
24.0 VDC
1.04 A
1.35 A
82%
ECL25US24
25 W
48.0 VDC
0.52 A
0.68 A
82%
ECL25US48


Similar Part No. - ECL10US15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL10US15 XPPOWER-ECL10US15 Datasheet
118Kb / 2P
   AC-DC Power Supplies
ECL10US15 XPPOWER-ECL10US15 Datasheet
450Kb / 6P
   530 Watts ECL Series
logo
Omron Electronics LLC
ECL10US15 OMRON-ECL10US15 Datasheet
3Mb / 31P
   530 Watts ECL Series
logo
XP Power Limited
ECL10US15 XPPOWER-ECL10US15 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US15 XPPOWER-ECL10US15 Datasheet
449Kb / 6P
   Ultra Compact Size
More results

Similar Description - ECL10US15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL05US05-E XPPOWER-ECL05US05-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US05-P XPPOWER-ECL10US05-P Datasheet
449Kb / 6P
   Ultra Compact Size
logo
Rohm
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
   Ultra compact, thin size
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
   Ultra compact, thin size
SML-P12DTT86 ROHM-SML-P12DTT86 Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
logo
WALSIN TECHNOLOGY CORPO...
WF25A WALSIN-WF25A Datasheet
388Kb / 7P
   Ultra high power rating and compact size
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
   Compact size
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
   Compact Size
logo
Surge Components
C46 SURGE-C46 Datasheet
2Mb / 9P
   Compact size
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
   Compact size
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com