Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE1225MF Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECQE1225MF
Description  Metallized Polyester Film Capacitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE1225MF Datasheet(HTML) 9 Page - Panasonic Semiconductor

  ECQE1225MF Datasheet HTML 1Page - Panasonic Semiconductor ECQE1225MF Datasheet HTML 2Page - Panasonic Semiconductor ECQE1225MF Datasheet HTML 3Page - Panasonic Semiconductor ECQE1225MF Datasheet HTML 4Page - Panasonic Semiconductor ECQE1225MF Datasheet HTML 5Page - Panasonic Semiconductor ECQE1225MF Datasheet HTML 6Page - Panasonic Semiconductor ECQE1225MF Datasheet HTML 7Page - Panasonic Semiconductor ECQE1225MF Datasheet HTML 8Page - Panasonic Semiconductor ECQE1225MF Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
GRated voltage : 250 VAC, Capacitance tolerance : ±5 %(J), ±10 %(K)
Noise suppression Capacitors (Across-the-line)
Style D:0.010 µF to 0.047 µF
Style B:0.056 µF to 0.47 µF
Part No.
0.010
12.5
5.5
10.8
15.8
10.0
10.0
1.0
0.60
0.012
12.5
6.0
11.5
16.5
10.0
10.0
1.0
0.60
0.015
12.5
6.3
9.9
14.9
10.0
10.0
1.0
0.60
0.018
12.5
6.0
11.9
16.9
10.0
10.0
1.0
0.60
0.022
12.5
6.0
11.5
16.5
10.0
10.0
1.0
0.60
0.027
12.5
5.5
10.9
15.9
10.0
10.0
1.0
0.60
0.033
12.5
6.0
11.9
16.9
10.0
10.0
1.0
0.60
0.039
12.5
6.0
13.4
18.4
10.0
10.0
1.0
0.60
0.047
12.5
6.5
14.4
19.4
10.0
10.0
1.0
0.60
0.056
18.5
5.4
10.5
15.5
15.0
10.0
1.0
0.60
0.068
18.5
5.8
11.0
16.0
15.0
10.0
1.0
0.60
0.082
18.5
6.3
12.0
17.0
15.0
10.0
1.0
0.60
0.10
18.5
6.3
14.0
19.0
15.0
10.0
1.0
0.60
0.12
18.5
6.8
14.5
19.5
15.0
10.0
1.0
0.80
0.15
18.5
7.5
15.4
20.4
15.0
10.0
1.0
0.80
0.18
18.5
8.0
16.0
21.0
15.0
10.0
1.0
0.80
0.22
18.5
9.0
16.9
21.9
15.0
10.0
1.0
0.80
0.27
26.0
7.0
16.5
21.5
22.5
15.0
1.0
0.80
0.33
26.0
7.8
17.0
22.0
22.5
15.0
1.0
0.80
0.39
26.0
8.5
17.9
22.9
22.5
15.0
1.0
0.80
0.47
26.0
9.3
18.5
23.5
22.5
15.0
1.0
0.80
0.56
26.0
10.0
20.0
22.5
1.0
0.80
0.68
26.0
11.5
21.0
22.5
1.0
0.80
0.82
26.0
13.0
22.5
22.5
1.0
0.80
1.0
31.0
12.5
21.9
27.5
1.5
0.80
1.2
31.0
13.5
23.0
27.5
1.5
0.80
1.5
31.0
15.3
24.7
27.5
1.5
0.80
1.8
31.0
16.8
27.0
27.5
1.5
0.80
2.2
31.0
19.5
29.0
27.5
1.5
0.80
ECQE2A103
□F( )
ECQE2A123
□F( )
ECQE2A153
□F( )
ECQE2A183
□F( )
ECQE2A223
□F( )
ECQE2A273
□F( )
ECQE2A333
□F( )
ECQE2A393
□F( )
ECQE2A473
□F( )
ECQE2A563
□F( )
ECQE2A683
□F( )
ECQE2A823
□F( )
ECQE2A104
□F( )
ECQE2A124
□F( )
ECQE2A154
□F( )
ECQE2A184
□F( )
ECQE2A224
□F( )
ECQE2A274
□F( )
ECQE2A334
□F( )
ECQE2A394
□F( )
ECQE2A474
□F( )
ECQE2A564P( )( )
ECQE2A684P( )( )
ECQE2A824P( )( )
ECQE2A105P( )( )
ECQE2A125P( )( )
ECQE2A155P( )( )
ECQE2A185P( )( )
ECQE2A225P( )( )
Cap.
(µF)
Quantity
Standard
5 mm
Odd size
7.5 mm
500
1000
500
400
300
Dimensions (mm)
L max.
T max.
FS
Straight Crimped lead
φd
H max.
Straight Crimped lead
G max.
Straight
Table 1
❈Please consult us about Crimed lead type of 0.56 µF to 2.2 µF.
Notice for AC rated
AC rated capacitors complying with clause 1 of ''Electrical Appliance and Material Safety Law''.
As for clause 2 of ''Electrical Appliance and Material Safety Law'', please use ECQUL type or ECQUG type.
When using these capacitors as a across-the-line capacitor, it shall be required to follow either item 1. or item 2. condition.
1. Capacitor shall be connected in parallel with varistor (Specified varistor voltage in table 1.)
2. Voltage applied for capacitor shall not exceed other than specified in table 1, when using these capacitors.
Cap. Rated Voltage
250 VAC
Varistor voltage
470 V
Pulse voltage
630 V0–P
Suffix for lead crimped or taped type.
Cap. tol. code
MF( )


Similar Part No. - ECQE1225MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE1225MF PANASONIC-ECQE1225MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE1225MF PANASONIC-ECQE1225MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE1225MF PANASONIC-ECQE1225MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE1225MF PANASONIC-ECQE1225MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE1225MF PANASONIC-ECQE1225MF Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE1225MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com