Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAVSS0004 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAVSS0004
Description  Voltage Variable Absorptive Attenuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAVSS0004 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAVSS0004 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAVSS0004 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAVSS0004 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Voltage Variable Absorptive Attenuator
35 dB, DC - 2.0 GHz
Rev. V1
MAAVSS0004
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Features
• 35 dB Voltage Variable Attenuation at 1 GHz
• Single Voltage Control: 0 to -4 Volts
• Low DC Power Consumption
• Nanosecond Switching Speed
• Temperature Range: -40°C to +85°C
• Lead-Free SOIC-14 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT-635
• Tape and Reel Packaging Available
Description
M/A-COM’s MAAVSS0004 is a GaAs MMIC voltage
variable absorptive attenuator in a low cost SOIC
14-lead surface mount plastic package.
The
MAAVSS0004 is ideally suited for use where
attenuation fine tuning, fast switching and very low
power consumption are required.
Typical applications include radio, cellular, GPS
equipment and other automatic gain/level control
circuits.
The MAAVSS0004 is fabricated with a monolithic
GaAs MMIC using a mature 1-micron process. The
process features full chip passivation for increased
performance and reliability.
Functional Schematic
8
14
13
12
11
1
2
3
4
5
6
7
10
9
Ordering Information
1
Part Number
Package
MAAVSS0004
Bulk packaging
MAAVSS0004TR-3000
3000 piece reel
Pin Configuration
Pin No.
Function
Pin No.
Function
1
VC
8
RF2
2
Ground
9
Ground
3
Ground
10
Ground
4
Ground
11
Ground
5
Ground
12
Ground
6
Ground
13
Ground
7
Ground
14
RF1
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
+21 dBm
Control Voltage
-8.5 V < VC < +5 V
Operating Temperature
-40°C to +85°C
Storing Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
1. Reference Application Note M513 for reel size information.


Similar Part No. - MAAVSS0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAVSS0004 MACOM-MAAVSS0004 Datasheet
88Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAVSS0004 MA-COM-MAAVSS0004 Datasheet
70Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
MAAVSS0004 MA-COM-MAAVSS0004 Datasheet
548Kb / 4P
   Voltage Variable Absorptive Attenuator
logo
Tyco Electronics
MAAVSS0004TR-3000 MACOM-MAAVSS0004TR-3000 Datasheet
88Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAVSS0004TR-3000 MA-COM-MAAVSS0004TR-3000 Datasheet
70Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
More results

Similar Description - MAAVSS0004

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAVSS0005 MA-COM-MAAVSS0005_15 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAV-007941 MA-COM-MAAV-007941_15 Datasheet
538Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0004 MA-COM-MAAVSS0004_15 Datasheet
548Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0008 MA-COM-MAAVSS0008_15 Datasheet
595Kb / 4P
   Voltage Variable Absorptive Attenuator
logo
Tyco Electronics
AT-118 MACOM-AT-118 Datasheet
49Kb / 3P
   Voltage Variable Absorptive Attenuator
logo
M/A-COM Technology Solu...
MAAV-007941 MA-COM-MAAV-007941 Datasheet
70Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAVSS0007 MA-COM-MAAVSS0007 Datasheet
123Kb / 4P
   Voltage Variable Absorptive Attenuator
AT10-0009 MA-COM-AT10-0009_15 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator
AT10-0017 MA-COM-AT10-0017_15 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0007 MA-COM-MAAVSS0007_15 Datasheet
654Kb / 5P
   Voltage Variable Absorptive Attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com