Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAVSS0004 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAVSS0004
Description  Voltage Variable Absorptive Attenuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAVSS0004 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAVSS0004 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAVSS0004 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAVSS0004 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Voltage Variable Absorptive Attenuator
35 dB, DC - 2.0 GHz
Rev. V1
MAAVSS0004
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
4
Units
Min.
Typ.
Max.
Insertion Loss
DC - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
dB
6.7
7.2
7.5
7.0
7.4
7.8
Flatness
(Peak to Peak)
10 dB Attenuation – DC - 2.0 GHz
20 dB Attenuation – DC - 2.0 GHz
30 dB Attenuation – DC - 2.0 GHz
dB
dB
dB
+ 1.0
+ 1.2
+ 1.2
VSWR
Ratio
2.0:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
2
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
nS
4
Transients
In Band
mV
30
Power Handling
Linear Operation
Absolute maximum Input Power
dBm
dBm
13
21
IP2
0.05 GHz
0.5 - 2.0 GHz
Measured Relative to Input Power
(For two-tone Input Power Up to +5 dBm)
dBm
dBm
34
47
IP3
0.05 GHz
0.5 - 2.0 GHz
Measured Relative to Input Power
(For two-tone Input Power Up to +5 dBm)
dBm
dBm
18
18.5
31
5
36
5
4. Control voltage: 0 to -4 volts @ 20 µA typical.
5. For levels above 6 dB attenuation. For levels below 6 dB, the minimum specification numbers apply.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Lead-Free SOIC-14
Reference Application Note M538 for lead-free solder reflow
recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.


Similar Part No. - MAAVSS0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAVSS0004 MACOM-MAAVSS0004 Datasheet
88Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAVSS0004 MA-COM-MAAVSS0004 Datasheet
70Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
MAAVSS0004 MA-COM-MAAVSS0004 Datasheet
548Kb / 4P
   Voltage Variable Absorptive Attenuator
logo
Tyco Electronics
MAAVSS0004TR-3000 MACOM-MAAVSS0004TR-3000 Datasheet
88Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAVSS0004TR-3000 MA-COM-MAAVSS0004TR-3000 Datasheet
70Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
More results

Similar Description - MAAVSS0004

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAVSS0005 MA-COM-MAAVSS0005_15 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAV-007941 MA-COM-MAAV-007941_15 Datasheet
538Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0004 MA-COM-MAAVSS0004_15 Datasheet
548Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0008 MA-COM-MAAVSS0008_15 Datasheet
595Kb / 4P
   Voltage Variable Absorptive Attenuator
logo
Tyco Electronics
AT-118 MACOM-AT-118 Datasheet
49Kb / 3P
   Voltage Variable Absorptive Attenuator
logo
M/A-COM Technology Solu...
MAAV-007941 MA-COM-MAAV-007941 Datasheet
70Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAVSS0007 MA-COM-MAAVSS0007 Datasheet
123Kb / 4P
   Voltage Variable Absorptive Attenuator
AT10-0009 MA-COM-AT10-0009_15 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator
AT10-0017 MA-COM-AT10-0017_15 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0007 MA-COM-MAAVSS0007_15 Datasheet
654Kb / 5P
   Voltage Variable Absorptive Attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com