Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-008965-CF1160 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-008965-CF1160
Description  1:1 Flux Coupled Balun Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-008965-CF1160 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MABA-008965-CF1160 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-008965-CF1160 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-008965-CF1160 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
1:1 Flux Coupled Balun Transformer
5 - 120 MHz
M/A-COM Products
Part Status: Released Rev. V2
MABA-008965-CF1160
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance: TA = 25°C, 0dBm, Z0 = 75Ω
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
5
24
4362
81101
120
Frequency (MHz)
Insertion Loss 1 (Pin5 - Pin1)
Insertion Loss 2 (Pin5 - Pin3)
Phase Balance
Amplitude Balance
Return Loss: Input
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
5
244362
81
101
120
Frequency (MHz)
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
524
43
62
81
101
120
Frequency (MHz)
175
176
177
178
179
180
181
182
183
184
185
5
24
436281
101
120
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
5
244362
81
101
120
Frequency (MHz)


Similar Part No. - MABA-008965-CF1160

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-008965-CF1160 MA-COM-MABA-008965-CF1160 Datasheet
97Kb / 3P
   1:1 Flux Coupled Balun Transformer 5 - 120 MHz
More results

Similar Description - MABA-008965-CF1160

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009852-CF1A40-V5 MA-COM-MABA-009852-CF1A40-V5 Datasheet
629Kb / 4P
   1:1 Flux coupled Balun Transformer
MABA-009852-CF1A40 MA-COM-MABA-009852-CF1A40_15 Datasheet
629Kb / 4P
   1:1 Flux coupled Balun Transformer
MABA-009005-CF1A40 MA-COM-MABA-009005-CF1A40 Datasheet
94Kb / 3P
   1:1 Flux Coupled Balun Transformer
MABA-009109-CF1A40 MA-COM-MABA-009109-CF1A40 Datasheet
94Kb / 3P
   1:1 Flux Coupled Balun Transformer
MABA-009776-CF28A0 MA-COM-MABA-009776-CF28A0 Datasheet
129Kb / 3P
   2:1 Flux Coupled Balun Transformer
MABA-009776-CF28A0 MA-COM-MABA-009776-CF28A0_15 Datasheet
129Kb / 3P
   2:1 Flux Coupled Balun Transformer
MABA-009298-CT48A0 MA-COM-MABA-009298-CT48A0 Datasheet
132Kb / 3P
   Transformer, 4:1 Flux coupled balun transformer
MABACT0064 MA-COM-MABACT0064_15 Datasheet
104Kb / 3P
   Transformer, 4:1 Flux coupled balun transformer
MABA-009573-CF1A40 MA-COM-MABA-009573-CF1A40_15 Datasheet
122Kb / 3P
   1.77:1 Flux Coupled Balun Transformer
MABA-009573-CF1A40 MA-COM-MABA-009573-CF1A40 Datasheet
122Kb / 3P
   1.77:1 Flux Coupled Balun Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com