Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWS7152A230N4LG Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # PWS7152A230N4LG
Description  Echangeur de chaleur air/eau
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PWS7152A230N4LG Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  PWS7152A230N4LG Datasheet HTML 1Page - Hammond Manufacturing Ltd. PWS7152A230N4LG Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number
Performace *
Consumption
200 liters/hr
(.88gpm)
A djustable Control
Range
Voltage
A C
Watts
PWS7102A 115N4LG
3241 Btu/h (950
Watts)
+47…+122 F / +8
…+70 C
115 v 60Hz
95
(Factory setting
+95/+35)
PWS7102A 230N4LG
3241 Btu/h (950
Watts)
+47…+122 F / +8
…+70 C
230 v
50/60Hz
84
(Factory setting
+95/+35)
PWS7152A 115N4LG
5118 Btu/h (1500
Watts)
+47…+122 F / +8
…+70 C
115 v 60Hz
186
(Factory setting
+95/+35)
PWS7152A 230N4LG
5118 Btu/h (1500
Watts)
+47…+122 F / +8
…+70 C
230 v
50/60Hz
182
(Factory setting
+95/+35)
PWS7332A 115N4LG
10750 Btu/h (3150
Watts)
+47…+122 F / +8
…+70 C
115 v 60Hz
453
(Factory setting
+95/+35)
PWS7332A 230N4LG
10750 Btu/h (3150
Watts)
+47…+122 F / +8
…+70 C
230 v
50/60Hz
385
(Factory setting
+95/+35)
PWS7502A 115N4LG
17745 Btu/h (5200
Watts)
+47…+122 F / +8
…+70 C
115 v 60Hz
384
(Factory setting
+95/+35)
PWS7502A 230N4LG
17745 Btu/h (5200
Watts)
+47…+122 F / +8
…+70 C
230 v
50/60Hz
385
(Factory setting
+95/+35)
PWS7702A 230N4LG
34215 Btu/h (7,000
Watts)
+47…+122 F / +8
…+70 C
230 v
50/60Hz
680
(Factory setting
+95/+35)
PWS71002A 23N4LG
34215 Btu/h (10,000
Watts)
+47…+122 F / +8
…+70 C
230 v
50/60Hz
1200
(Factory setting
+95/+35)
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - PWS7152A230N4LG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PWS725A BURR-BROWN-PWS725A Datasheet
68Kb / 6P
   Isolated, Unregulated DC/DC CONVERTERS
PWS726A BURR-BROWN-PWS726A Datasheet
68Kb / 6P
   Isolated, Unregulated DC/DC CONVERTERS
PWS740 BURR-BROWN-PWS740 Datasheet
117Kb / 8P
   Distributed Multi-Channel Isolated DC-TO-DC CONVERTER
PWS745 BURR-BROWN-PWS745 Datasheet
83Kb / 10P
   Multi-Channel Isolated DC/DC CONVERTER COMPONENTS
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
More results

Similar Description - PWS7152A230N4LG

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SHG HAMMOND-SHG Datasheet
80Kb / 2P
   Generateur de chaleur de 15-150 W
SHV HAMMOND-SHV Datasheet
100Kb / 2P
   Generateur de chaleur de 100-400 W, avec panneau de commande
SHGM HAMMOND-SHGM Datasheet
83Kb / 2P
   Petits generateurs de chaleur par rayonnement de 10-30 W
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
   TROUSSE DE BUTEES DE PORTE
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
   Gestionnaire de cables de toit
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
   ENSEMBLES DE FRILLES DE VENTILATION
logo
Tripp Lite. All Rights ...
VR1208R TRIPPLITE-VR1208R Datasheet
153Kb / 2P
   Regulador de Voltaje de 1200VA - Regulaci처n autom찼tica de voltaje con supresi처n de sobretensiones
logo
List of Unclassifed Man...
CW8700 ETC2-CW8700 Datasheet
106Kb / 5P
   FICHE DE DONN횋ES DE S횋CURIT횋
logo
Hammond Manufacturing L...
FRCMCD HAMMOND-FRCMCD Datasheet
70Kb / 1P
   Separateur de chemins de cables
logo
Pentair plc. All rights...
3150 PENTAIR-3150 Datasheet
275Kb / 2P
   VANNE DE COMMANDE DE 2 POUCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com