Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR1206-FX-1501ELF Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CR1206-FX-1501ELF
Description  CR0603/CR0805/CR1206 - Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR1206-FX-1501ELF Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CR1206-FX-1501ELF Datasheet HTML 1Page - Bourns Electronic Solutions CR1206-FX-1501ELF Datasheet HTML 2Page - Bourns Electronic Solutions CR1206-FX-1501ELF Datasheet HTML 3Page - Bourns Electronic Solutions CR1206-FX-1501ELF Datasheet HTML 4Page - Bourns Electronic Solutions CR1206-FX-1501ELF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CR0603/CR0805/CR1206 - Chip Resistors
How To Order
CR 1206 - F X - 8252 E LF
Model
(CR = Chip Resistor)
Size
0603
0805
1206
Resistance Tolerance
F = ±1 % .. Use with “X” TCR code only for values from 10 ohms through 1 megohm;
use with “W” TCR code only for values from 1 megohm through 10 megohms.
J = ±5 % ... Use with “W” TCR code for values from 10 ohms through 10 megohms;
use with “/” TCR code for zero ohm (jumper) for values from 1 ohm through 9.1 ohms.
TCR (ppm/°C)
X = ±100
W = ±200
/ =
±400
Resistance Value
For 1 % Tolerance:
<100 ohms...........“R” represents decimal point (example: 24R3 = 24.3 ohms).
≥100 ohms...........First three digits are significant, fourth digit represents number of zeros to follow (example: 8252 = 82.5k ohms).
For 5 % Tolerance:
<10 ohms.............“R” represents decimal point (example: 4R7 = 4.7 ohms).
≥10 ohms.............First two digits are significant, third digit represents number of zeros to follow (example: 474 = 470k ohms; 000 = Jumper).
Packaging
E = Paper Tape (5,000 pcs.) on 7 ” Plastic Reel
Termination
LF = Tin-plated (RoHS Compliant)
AS = Tin-plated (RoHS Compliant), sulfur-resistant version
REV. 03/14
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - CR1206-FX-1501ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR1206-FX-1500ELF BOURNS-CR1206-FX-1500ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
More results

Similar Description - CR1206-FX-1501ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0805-FX-4751ELF BOURNS-CR0805-FX-4751ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CHPREZTR BOURNS-CHPREZTR Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-FX-3300ELF BOURNS-CR0805-FX-3300ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0603-JW-103E BOURNS-CR0603-JW-103E Datasheet
180Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-FX-2001ELF BOURNS-CR0805-FX-2001ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR1206-FX-1500ELF BOURNS-CR1206-FX-1500ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-JW-103ELF BOURNS-CR0805-JW-103ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0603-121ELF BOURNS-CR0603-121ELF Datasheet
259Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-FX-8200GLF BOURNS-CR0805-FX-8200GLF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-33R0ELF BOURNS-CR0805-33R0ELF Datasheet
259Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com