Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1G-CPU44H Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CS1G-CPU44H
Description  CS1 CPUs Mean Ultimate Performance
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1G-CPU44H Datasheet(HTML) 4 Page - Omron Electronics LLC

  CS1G-CPU44H Datasheet HTML 1Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 2Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 3Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 4Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 5Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 6Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 7Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 8Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
CPU Overview
Programmable Controller
CS1
C--14
Optimum Speed and Processing Capabilities
J Ultimate Machine Performance with High-Speed Processing
CS1 PLCs provide ample speed for advanced machine interfaces, communications, and data processing.
Execution Times from 20 ns
Fast instruction processing includes 0.02
µs for LD and
0.18
µs for MOV. And, special instructions are processed
almost as fast as basic ones (e.g., as fast as 0.18
µsfor
some instructions).
CS1 Series
0.02
µs
0.18
µs
0.18
µs
+
30 Times the Overall Cycle Speed
The following examples are for 30K-step programs
Basic instructions: 50%
MOV instructions: 30%
Arithmetic operation instructions: 20%
C200HX/HG/HE
CS1
I/O refresh
Peripheral service
I/O refresh
Peripheral service
34 ms
1.2 ms
Extremely Fast Peripheral Servicing and
I/O Refresh Speed
CS1 refresh time for 96 input points: 0.02 ms
(15 times faster)
For 96 output points: 0.02 ms
(10 times faster)
For 256 words for Communications Module: 0.45 ms
(4 times faster)
CS1
96-pt Input Module
Communications
Module (256 words)
96-pt Output Module
I/O refresh
J Large Capacities Fit the Application
Program Capacity
Create programs with up to 250K steps.
CS1
.
250K steps max.
I/O Capacity
Handle up to 5,120 I/O points.
CS1
5,120 I/O points


Similar Part No. - CS1G-CPU44H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CS1G-CPU44-E OMRON-CS1G-CPU44-E Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1G-CPU44-E OMRON-CS1G-CPU44-E Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results

Similar Description - CS1G-CPU44H

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
401C CDE-401C_17 Datasheet
504Kb / 8P
   The Ultimate in Cold Performance and ESR
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
logo
Ultralife Corporation.
MRC-93 ULTRALIFE-MRC-93 Datasheet
669Kb / 2P
   Ultimate Battery Eliminator
10 March 2016 Rev A
logo
Texas Instruments
LMH2110 TI1-LMH2110 Datasheet
1Mb / 33P
[Old version datasheet]   Logarithmic Root Mean Square Response
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
FX-5210 ETC2-FX-5210 Datasheet
141Kb / 1P
   High Performance 2U Network Security Platform With Four CPUs
logo
Omron Electronics LLC
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com