Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4207 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4207
Description  Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4207 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4207 Datasheet HTML 1Page - Cirrus Logic CS4207 Datasheet HTML 2Page - Cirrus Logic CS4207 Datasheet HTML 3Page - Cirrus Logic CS4207 Datasheet HTML 4Page - Cirrus Logic CS4207 Datasheet HTML 5Page - Cirrus Logic CS4207 Datasheet HTML 6Page - Cirrus Logic CS4207 Datasheet HTML 7Page - Cirrus Logic CS4207 Datasheet HTML 8Page - Cirrus Logic CS4207 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
Copyright  Cirrus Logic, Inc. 2012
(All Rights Reserved)
http://www.cirrus.com
AUG '12
DS880F4
Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
DIGITAL to ANALOG FEATURES
DAC1 (Headphone)
101 dB Dynamic Range (A-wtd)
-89 dB THD+N
Headphone Amplifier - GND Centered
Integrated Negative-voltage Regulator
No DC-blocking Capacitor Required
50 mW Power/Channel into 16
DAC2 & DAC3 (Line Outs)
110 dB Dynamic Range (A-wtd)
-94 dB THD+N
Differential Balanced or Single-ended
Each DAC Supports 32 kHz to 192 kHz Sample
Rates Independently.
Digital Volume Control
+6.0 dB to -57.5 dB in 0.5 dB Steps
Zero Cross and/or Soft Ramp Transitions
Independent Support of D0 and D3 Power
States for Each DAC
Fast D3 to D0 Transition
Audio Playback in Less Than 50 ms
ANALOG to DIGITAL FEATURES
ADC1 & ADC2
105 dB Dynamic Range (A-wtd)
-88 dB THD+N
Differential Balanced or Single-ended
Inputs
Analog Programmable Gain Amplifier
(PGA) ±12 dB, 1.0 dB Steps, with Zero
Cross Transitions and Mute
MIC Inputs
Pre-amplifier with Selectable 0 dB, +10 dB,
+20 dB, and +30 dB Gain Settings
Programmable, Low-noise MIC Bias Level
Each ADC Supports 8 kHz to 96 kHz Sample
Rates Independently
Additional Digital Attenuation Control
-13.0 dB to -51.0 dB in 1.0 dB steps
Zero Cross and/or Soft Ramp Transitions
Digital Interface for Two Dual Digital Mic Inputs
Independent Support of D0 and D3 Power
States for Each ADC
VL_HD
(1.5 V to 3.3 V)
SRC &
Multibit

Modulator
Chrg
Pump
Invert
Left HP Out
Left Line Out
2-Chnl
ADC1
HD Audio
Bus
Line/Mic In L
Line/Mic In R
Headphone
Amp - GND
Centered
MIC
Bias
2-Chnl
DAC1
Line
Out
+
-
Right Line Out
+
-
Left Line Out
Line
Out
+
-
Right Line Out
+
-
+
-
+
PGA
Digital
Filter &
SRC
2-Chnl
ADC2
Mic/Line In L
Mic/Line In R
+
-
+
-
PGA
Digital
Filter &
SRC
D-Mic Clock
SPDIF
TX1
SPDIF
RX SRC
S/PDIF OUT 1
S/PDIF IN
GPIO
GPIO
Right HP Out
D-Mic In
HD
Audio
Interface
Chrg
Pump
Buck
+VHP
-VHP
2-Chnl
DAC2
2-Chnl
DAC3
SRC &
Multibit

Modulator
SRC &
Multibit

Modulator
VD
(1.5 V to 1.8 V)
Vol/Mute
Vol/Mute
Vol/Mute
Vol/Boost/
Mute
Vol/Boost/
Mute
VA, VA_REF
(3.3 V to 5.0 V)
VA_HP
(3.3 V to 5.0 V)
Mic Bias
VL_IF
(3.3 V)
Jack
Sense
SENSE_A
SPDIF
TX2
S/PDIF OUT 2
128Fs Clock
Multiplier
HD Bus
Fs
SPDIF
RX
CS4207


Similar Part No. - CS4207

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4207 CIRRUS-CS4207 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS4207-CNZ/C1 CIRRUS-CS4207-CNZ/C1 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS4207-CNZR/C1 CIRRUS-CS4207-CNZR/C1 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS4207-DNZ CIRRUS-CS4207-DNZ Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS4207-DNZR CIRRUS-CS4207-DNZR Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
More results

Similar Description - CS4207

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4207 CIRRUS-CS4207 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Freescale Semiconductor...
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com