Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0353NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0353NL
Description  SMT Common Mode Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0353NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0353NL Datasheet HTML 1Page - Pulse A Technitrol Company P0353NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
pulseelectronics.com
SMT Common Mode Chokes
1.22A to 14.0 A
SPM2007 (03/13)
Solutions based on impedance, size and current
Designed for DC/DC converters
Wide variety of inductor sizes and current ratings
available
Dielectric strength: 1000VRMS
Impedance Curves
Electrical Specifications @ 25°C - Operating Temperature -40°C to +120°C
Part
Number
Inductance
(mH ±35%)
Irated
(A)
DCR (MAX)
(m
Ω)
Curve
(see # below)
Package
Weight
(Grams)
Quantity
In Tube
Quantity
In Reel
P0502NL
0.47
14.0
8
9
Big Foot
14.8
15
75
P0469NL
0.63
11.6
10
7
Big Foot
14.3
20
75
P0429NL
0.81
9.70
14
6
Big Foot
13.5
20
75
P0527NL
0.53
7.20
15
8
HCCI-68
7.7
15
100
P0353NL
0.59
5.60
21
7
LCCI-50
5.2
30
200
P0422NL
0.77
4.70
40
6
LCCI-50
4.9
30
200
P0421NL
0.22
3.30
60
5
LCCI-50
4.7
30
200
P0420NL
1.32
3.30
60
4
LCCI-50
4.6
30
200
P0351NL
1.47
2.80
80
3
LCCI-50
4.3
30
200
P0473NL
0.88
1.63
110
2
Polecat
1.5
35
500
P0354NL
1.17
1.22
200
1
Polecat
1.4
35
500
Notes:
1. Optional Tape & Reel packaging can be ordered by adding a “
T” suffix to
the part number (i.e. P0502 becomes P0502
T). Pulse complies to industry
standard tape and reel specification EIA481.
2. The “
NL” suffix indicates an RoHS-compliant part number. Non-NL suffixed
parts are not necessarily RoHS compliant, but are electrically and mechanically
3
equivalent to NL versions. If a part number does not have the “
NL” suffix, but an RoHS compliant
version is required, please contact Pulse for availability.
3. The temperature of the component (ambient plus temperature rise) must be within the stated
operating temperature range.
100 KHz
1 MHz
10 MHz
100 MHz
Frequency
15K
12K
9K
6K
3K
0
4
1
2
3
5
100 KHz
1 MHz
10 MHz
100 MHz
Frequency
7.5K
6.0K
4.5K
3.0K
1.5K
0
6
7
9
8
116


Similar Part No. - P0353NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0353NL PULSE-P0353NL Datasheet
782Kb / 2P
   Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
P0353NL PULSE-P0353NL Datasheet
782Kb / 2P
   Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
P0353NL PULSE-P0353NL Datasheet
784Kb / 2P
   Solutions based on impedance, size and current
P0353NL PULSE-P0353NL Datasheet
784Kb / 2P
   Solutions based on impedance, size and current Designed for DC/DC converters
P0353NL PULSE-P0353NL Datasheet
784Kb / 2P
   SMT Common Mode Chokes
More results

Similar Description - P0353NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H604 PULSE-H604 Datasheet
523Kb / 3P
   SMT COMMON MODE CHOKES
P0502NL PULSE-P0502NL Datasheet
784Kb / 2P
   SMT Common Mode Chokes
PL8202NL PULSE-PL8202NL Datasheet
126Kb / 2P
   SMT COMMON MODE CHOKES
PL2477 PULSE-PL2477 Datasheet
460Kb / 2P
   SMT COMMON MODE CHOKES
logo
Allied Components Inter...
ACM0408CI ALLIED-ACM0408CI Datasheet
442Kb / 1P
   SMT COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
P0473T PULSE-P0473T Datasheet
129Kb / 2P
   SMT COMMON MODE CHOKES
P0351NLT PULSE-P0351NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0420T PULSE-P0420T Datasheet
129Kb / 2P
   SMT COMMON MODE CHOKES
P0473NLT PULSE-P0473NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0429NLT PULSE-P0429NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com