Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-03-5115 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 22-03-5115
Description  2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 11 Circuits, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-03-5115 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  22-03-5115 Datasheet HTML 1Page - Molex Electronics Ltd. 22-03-5115 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
250V
Material Info
Old Part Number
5267-11A
Reference - Drawing Numbers
Packaging Specification
SPK-5267-001
Product Specification
PS-5264-001, RPS-5264-005, RPS-5267-001
Sales Drawing
SD-5267-NA
This document was generated on 05/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 22-03-5115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-03-5115 MOLEX2-22-03-5115 Datasheet
108Kb / 3P
   2.50mm (.098) Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 11 Circuits, Tin (Sn) Plating
More results

Similar Description - 22-03-5115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022035115 MOLEX1-0022035115_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 11 Circuits, Tin (Sn) Plating
0022035115 MOLEX2-0022035115 Datasheet
108Kb / 3P
   2.50mm (.098) Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 11 Circuits, Tin (Sn) Plating
0099990995 MOLEX3-0099990995 Datasheet
103Kb / 3P
   2.50mm (.098") Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 11 Circuits, Tin (Sn) Plating
0022035045 MOLEX1-0022035045_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 4 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 4 Circuits, Tin (Sn)
0022035155 MOLEX1-0022035155_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 15 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 15 Circuits, Tin (Sn)
0099990996 MOLEX1-0099990996_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 12 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 12 Circuits, Tin (Sn)
0099990987 MOLEX1-0099990987_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 3 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 3 Circuits, Tin (Sn)
22-03-5095 MOLEX11-22-03-5095 Datasheet
36Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 9 Circuits, Tin (Sn) Plating
22-03-5145 MOLEX11-22-03-5145 Datasheet
36Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 14 Circuits, Tin (Sn) Plating
22-03-5025 MOLEX11-22-03-5025 Datasheet
36Kb / 3P
   2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 2 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com