Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP803SN293T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP803SN293T3G
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP803SN293T3G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP803SN293T3G Datasheet HTML 1Page - ON Semiconductor NCP803SN293T3G Datasheet HTML 2Page - ON Semiconductor NCP803SN293T3G Datasheet HTML 3Page - ON Semiconductor NCP803SN293T3G Datasheet HTML 4Page - ON Semiconductor NCP803SN293T3G Datasheet HTML 5Page - ON Semiconductor NCP803SN293T3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NCP803
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS TA = −40°C to +105°C unless otherwise noted. Typical values are at TA = +25°C. (Note 3)
Characteristic
Symbol
Min
Typ
Max
Unit
VCC Range
TA = 0°C to +70°C
TA = −40°C to +105°C
1.0
1.2
5.5
5.5
V
Supply Current
VCC = 3.3 V
TA = −40°C to +85°C
TA = 85°C to +105°C
VCC = 5.5 V
TA = −40°C to +85°C
TA = 85°C to +105°C
ICC
0.5
0.8
1.2
2.0
1.8
2.5
µA
Reset Threshold (Note 4)
NCP803SN463
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
NCP803SN438
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
NCP803SN308
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
NCP803SN293
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
NCP803SN263
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
NCP803SN232
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
NCP803SN160
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
VTH
4.56
4.51
4.40
4.31
4.27
4.16
3.04
3.00
2.92
2.89
2.85
2.78
2.59
2.55
2.50
2.29
2.26
2.20
1.58
1.56
1.52
4.63
4.38
3.08
2.93
2.63
2.32
1.60
4.70
4.75
4.88
4.45
4.49
4.60
3.11
3.15
3.23
2.96
3.00
3.08
2.66
2.70
2.76
2.35
2.38
2.45
1.62
1.64
1.68
V
Reset Temperature Coefficient
30
ppm/
°C
VCC to Reset Delay VCC = VTH to (VTH − 100 mV)
10
µsec
Reset Active Timeout Period
140
240
460
msec
RESET Output Voltage Low
VCC = VTH − 0.2 V
1.6 V
v VTH v 2.0 V, ISINK = 0.5 mA
2.1 V
v VTH v 4.0 V, ISINK = 1.2 mA
4.1 V
v VTH v 4.9 V, ISINK = 3.2 mA
VOL
0.3
V
RESET Leakage Current
VCC u VTH, RESET De−asserted
ILEAK
1
µA
3. Production testing done at TA = 25°C, over temperature limits guaranteed by design.
4. Contact your ON Semiconductor sales representative for other threshold voltage options.


Similar Part No. - NCP803SN293T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
More results

Similar Description - NCP803SN293T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803 ONSEMI-NCP803 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
MAX809S ONSEMI-MAX809S_07 Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com