Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP803SN160T1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP803SN160T1
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP803SN160T1 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP803SN160T1 Datasheet HTML 1Page - ON Semiconductor NCP803SN160T1 Datasheet HTML 2Page - ON Semiconductor NCP803SN160T1 Datasheet HTML 3Page - ON Semiconductor NCP803SN160T1 Datasheet HTML 4Page - ON Semiconductor NCP803SN160T1 Datasheet HTML 5Page - ON Semiconductor NCP803SN160T1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NCP803
http://onsemi.com
5
TAPING FORM
PIN 1
USER DIRECTION OF FEED
Component Taping Orientation for 3L SOT−23 (JEDEC−236) Devices
Standard Reel Component Orientation
(Mark Right Side Up)
DEVICE
MARKING
SOT−23
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
8 mm
4 mm
3000
7 inches
Tape & Reel Specifications Table
SOT−23
10000
13 inches
8 mm
4 mm
MARKING AND THRESHOLD INFORMATION
ON Semicond ctor Part #
V
*
Marking (Note 5)
ON Semiconductor Part #
VTH*
Marking (Note 5)
NCP803SN160T1
1.60
SCQM
NCP803SN160T1G
1.60
SCQM
NCP803SN232T1
2.32
SQRM
NCP803SN232T1G
2.32
SQRM
NCP803SN263T1
2.63
SQCM
NCP803SN263T1G
2.63
SQCM
NCP803SN293T1
2.93
SQDM
NCP803SN293T1G
2.93
SQDM
NCP803SN293T3
2.93
SQDM
NCP803SN293T3G
2.93
SQDM
NCP803SN308T1
3.08
SQEM
NCP803SN308T1G
3.08
SQEM
NCP803SN438T1
4.38
SQFM
NCP803SN438T1G
4.38
SQFM
NCP803SN463T1
4.63
SQGM
NCP803SN463T1G
4.63
SQGM
NOTE: The “G” suffix indicates Pb−Free package available.
*Contact your ON Semiconductor sales representative for other threshold voltage options.
5. M = Monthly Date Code


Similar Part No. - NCP803SN160T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP803SN160T1 ONSEMI-NCP803SN160T1 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
NCP803SN160T1 ONSEMI-NCP803SN160T1 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803SN160T1 ONSEMI-NCP803SN160T1 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN160T1G ONSEMI-NCP803SN160T1G Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803SN160T1G ONSEMI-NCP803SN160T1G Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
More results

Similar Description - NCP803SN160T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803 ONSEMI-NCP803 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
MAX809S ONSEMI-MAX809S_07 Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com