Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT3401C Datasheet(PDF) 2 Page - Texas Instruments

Part # PT3401C
Description  35-W 48-V Input Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT3401C Datasheet(HTML) 2 Page - Texas Instruments

  PT3401C Datasheet HTML 1Page - Texas Instruments PT3401C Datasheet HTML 2Page - Texas Instruments PT3401C Datasheet HTML 3Page - Texas Instruments PT3401C Datasheet HTML 4Page - Texas Instruments PT3401C Datasheet HTML 5Page - Texas Instruments PT3401C Datasheet HTML 6Page - Texas Instruments PT3401C Datasheet HTML 7Page - Texas Instruments PT3401C Datasheet HTML 8Page - Texas Instruments PT3401C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT3400 Series
35-W 48-V Input Isolated
DC/DC Converter
SLTS164B - JULY 2002 - REVISED OCTOBER 2002
Specifications (Unless otherwise stated, Ta =25°C, Vin =48V, Cin =0µF, Io =Iomax, and Cout as required)
PT3400 Series
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo ≤ 1.5V
0
16
Vo = 1.8V/2.5V
0
12
A
Vo =3.3V
0
10
Vo = 5V
0
7
Input Voltage Range
Vin
Over Io Range
36
48
75
VDC
Set Point Voltage Tolerance
Vo tol
±1±2%Vo
Temperature Variation
Regtemp
–40°
≤Ta ≤ +85°C, Io =Iomin
±0.8
%Vo
Line Regulation
Regline
Over Vin range
Vo = 5.0V
±5
±20
mV
Vo ≤ 3.3V
±5
±15
mV
Load Regulation
Regload
Over Io range
Vo = 5.0V
±1
±15 (1)
mV
Vo ≤ 3.3V
±1
±10 (1)
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
±2±3%Vo
–40°
≤Ta ≤ +85°C
Efficiency
η
Io =70% of Iomax
Vo = 5V
91
Vo = 3.3V
90
Vo = 2.5V
89
Vo = 1.8V
85
%
Vo = 1.5V
84
Vo = 1.4V
84
Vo = 1.2V
82
Vo = 1V
80
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
Vo ≥3.3V
50
mVpp
Vo ≤ 2.5V
25
Transient Response
ttr
0.1A/µs load step, 50% to 75% Iomax
100
µs
∆Vtr
Vo over/undershoot
±4
%Vo
Output Adjust
Vadj
Vo ≥ 2.5V
–5
+5
%Vo
Vo ≤ 1.8V
–0
+10
Over-Current Threshold
ITRIP
Vin =36V
Vo = 5.0V
9
Vo = 3.3V
12.5
Vo = 2.5V/1.8V
16
A
Vo ≤ 1.5V
20
Switching Frequencyƒs
Over Vin range
250
300
350
kHz
Under-Voltage Lockout
UVLO
Rising
34
V
Falling
32
Enable On/Off (Pins 1, 2)
Referenced to –Vin (pin 3)
Input High Voltage
VIH
5
Open (2)
V
Input Low Voltage
VIL
–0.3
+0.4
Input Low Current
IIL
0.5
mA
Standby Input Current
Iin standbypins 1 & 3 connected
5
mA
Internal Input Capacitance
Cin
1.0
µF
External Output Capacitance
Cout
Vo=1.0V
470 (3)
TBD
Vo≤1.8V
330 (3)
TBD
µF
Vo≥2.5V
0
TBD
Isolation Voltage
Input–output/input–case
1500
V
Capacitance
Input to output
1500
pF
Resistance
Input to output
10
M
Operating Temperature Range
Ta
Over Vin range
–40 (4)
85 (5)
°C
Solder Reflow Temperature
Treflow
Surface temperature of module pins or case
215 (6)
°C
Storage Temperature
Ts
–40
125
°C
ReliabilityMTBF
Per Bellcore TR-332
2.8
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
Per Mil-Std-883D, method 2002.3,
TBD
G’s
1mS, half-sine, mounted to a fixture
Mechanical Vibration
Mil-Std-883D, Method 2007.2,
Vertical
TBD (7)
G’s
20-2000Hz, PCB mounted
Horizontal
TBD (7)
Weight
34
grams
Flammability—
Materials meet UL 94V-0
Notes:
(1) If the remote sense feature is not being used, –Vsense (pin 7) must be connected to –Vout (pin 8).
(2) The On/Off Enable inputs (pins 1 & 2) have internal pull-ups. They may either be connected to –Vin or left open circuit. Leaving pin 1 open-circuit and
connecting pin 2 to –Vin allows the the converter to operate when input power is applied. The maximum open-circuit voltage of the Enable pins is 10V.
(3) An output capacitor is required for proper operation for all models in which the output voltage is 1.8VDC or less. For models with an output voltage of
2.5V or higher an output capacitor is optional.
(4) For operation below 0°C, Cout must have stable characteristics. Use low ESR tantalum capacitors, or capacitors with a polymer type dielectric.
(5) See Safe Operating Area curves or contact the factory for the appropriate derating.
(6) During reflow of SMD package version do not elevate the module case, pins, or internal component temperatures above a peak of 215°C. For further
guidance refer to the application note, “Reflow Soldering Requirements for Plug-in Surface Mount Products,” (SLTA051).
(7) The case pins on through-hole pin configurations (N & A) must be soldered. For more information see the applicable package outline drawing.


Similar Part No. - PT3401C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3401 TI-PT3401 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3401 TI1-PT3401 Datasheet
330Kb / 15P
[Old version datasheet]   35W Output Power
More results

Similar Description - PT3401C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com