Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IOPS-76 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IOPS-76
Description  Supported I/O: Display port, USB 3.0, LAN port
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IOPS-76 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IOPS-76 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital Signage Players
Signature Book ™
For user’s manual & datasheet download, visit www.ibase.com.tw
27
Dimensions
Features
● Supports 2nd/3rd Generation Intel® CoreTM i5/i7/
Celeron Mobile QC/DC Processors
● 2x DDR3 1333MHz SO-DIMM, Max. 16GB
● Supported I/O: Display port, USB 3.0, LAN port
● Intel® HD Graphics Engine
● iAMT Compliance for remote management
● 2x USB 3.0 ports
● 1x Mini PCI-E(x1) slots for Wi-Fi/ Bluetooth/ TV /
Tuner/ 3G Wireless options
OPS Signage Player, with 2nd/3rd Gen. Intel® Core™ i Processor and
Intel® HD Integrated Graphics
IOPS-76
System Mainboard
iOPS-76 MB
CPU Type
2nd/3rd Generation Intel® CoreTM i7/i5/i3/ Celeron® Quad-
Core/Dual-Core Mobile Processors ( TDP <= 35W)
CPU Package
FCBGA1023
Chipset
Intel® QM77 PCH
Memory
2x DDR3 1600MHz SO-DIMM memory, Max. 16GB
Graphics
Intel® HD Graphics supports:
OpenGL 3.0
DirectX® 11
OpenCL 1.1
MFX Hardware Video Decoder – MPEG-2, AVC, VC-1, JPEG
LAN
1x Intel® 82579LM Gigabit LAN controller
Expansion Slots
1x Mini PCI-E(x1) slot for Wi-Fi, Bluetooth, TV Tuner, 3G
Wireless
I/O Interface
1x DisplayPort
2x USB 3.0 ports
1x RJ45 for LAN
2x Microjack audio connectors for Line-in / Line-out
Power On/Reset button
Auto Control and
Monitoring
256 segments, 0, 1, 2...255 (sec/min)
Power
Requirement
DC-in +12~+19V (Intel® OPS standard)
Construction
Aluminum + SGCC(steel)
Weight
0.9kg (1.98lbs)
Chassis Color
Black
Storage
1x mSATA
Mounting
Open Pluggable Specification
Dimensions
200mm(W) x 119mm(D) x 30mm(H)
7.87"(W) x 4.69"(D) x 1.18"(H)
Operating
Temperature
0°C~ 40°C (32°F~104°F)
Storage
Temperature
-20°C ~ 80°C (-4°F~176°F)
Relative Humidity
5~90% @ 45°C, (non-condensing)
Vibration
mSATA: 5 grms / 5~500Hz / random operation
Certification
CE, FCC
Specifications
180.0
3.0
192.0
200.0
178.0
4.5
30.0
28.0
iOPS-76
OPS Player with Intel® Core™ i5-3610ME Mobile
processor (3M Cache, up to 3.30 GHz) 8GB
RAM, 64GB mSATA
iOPS-76L
OPS Player with Intel® Celeron® 827E
processor(1.5M Cache, 1.40 GHz), 8GB RAM,
64GB mSATA
iOPS-76-M
OPS Player with Intel® Core™ i5-3610ME Mobile
processor(3M Cache, up to 3.30 GHz) without
Memory / mSATA
iOPS-76L-M
OPS Player with Intel® Celeron® 827E Mobile
processor, without Memory / mSATA
iOPS-EK1-SYS
iOPS-76 series Expansion Dock with 150W
adapter- for use without OPS display
I/O Interface
1x DisplayPort, 1x HDMI port
1x USB 3.0 port, 2x USB 2.0 ports
1x DB9 for RS232
1x Microjack audio connectors for
Line-in / Line-out
1x 12~19V Mini DIN DC Jack
Dimensions
7.89”(W) x 6.85”(D) x 1.44”(H)
Ordering Information
Expansion Dock
OPS Module


Similar Part No. - IOPS-76

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
IOP6AF BELDEN-IOP6AF Datasheet
158Kb / 3P
   Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
IOP6AF0101000 BELDEN-IOP6AF0101000 Datasheet
158Kb / 3P
   Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
IOP6AU BELDEN-IOP6AU Datasheet
158Kb / 3P
   Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
IOP6AU0101000 BELDEN-IOP6AU0101000 Datasheet
158Kb / 3P
   Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
IOP6F BELDEN-IOP6F Datasheet
158Kb / 3P
   Category 6 Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
More results

Similar Description - IOPS-76

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB120 AXIOMTEK-SHB120 Datasheet
176Kb / 1P
   USB 3.0 supported
logo
Molex Electronics Ltd.
0484090004 MOLEX1-0484090004 Datasheet
34Kb / 2P
   Universal Serial Bus (USB 3.0) I/O Receptacle, Dual Port Stacked, Vertical, Type A,Universal Serial Bus (USB 3.0) I/O Receptacle, Dual Port Stacked, Vertical, Type A,
0484060003 MOLEX1-0484060003 Datasheet
34Kb / 2P
   Universal Serial Bus (USB 3.0) I/O Receptacle, Dual Port Stacked, Right-Angle
0484060004 MOLEX1-0484060004 Datasheet
34Kb / 2P
   Universal Serial Bus (USB 3.0) I/O Receptacle, Dual Port Stacked, Right-Angle
logo
Analog Devices
AD7769 AD-AD7769_15 Datasheet
267Kb / 16P
   Analog I/O Port
REV. A
logo
Molex Electronics Ltd.
0484060001 MOLEX1-0484060001 Datasheet
34Kb / 2P
   Universal Serial Bus (USB 3.0) I/O Receptacle, Dual Port Stacked, Right-Angle, Type
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com