Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX0730P Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PX0730P
Description  BUCCANEER FOR POWER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0730P Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PX0730P Datasheet HTML 1Page - List of Unclassifed Manufacturers PX0730P Datasheet HTML 2Page - List of Unclassifed Manufacturers PX0730P Datasheet HTML 3Page - List of Unclassifed Manufacturers PX0730P Datasheet HTML 4Page - List of Unclassifed Manufacturers PX0730P Datasheet HTML 5Page - List of Unclassifed Manufacturers PX0730P Datasheet HTML 6Page - List of Unclassifed Manufacturers PX0730P Datasheet HTML 7Page - List of Unclassifed Manufacturers PX0730P Datasheet HTML 8Page - List of Unclassifed Manufacturers PX0730P Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.bulgin.com
30
30
BUCCANEER FOR POWER
bulgin
a brand of Elektron Technology
Standard Buccaneer®
PNo 13027 and 13170
SA3253
Pack of alternative cable
glands to suit cables from 3.5
to 9mm dia.
Crimp Tools for 3, 9,12 and
25 pole crimp contacts
Insertion/Extraction Tool for 25
pole contacts
No. Contacts
Cable Diameter or Type
2-12 Pole
6-8mm
25 Pole
7-9mm
BNC 50
RG 58/CU, URM43, URM76
BNC 75
URM70
Cable
Gland
Gland
Additional
Diameter
Part No.
Colour
Suffix
6-8mm
12023
Black
Standard for 2-12 pole
3.5-5mm
SA3426
Grey
Suffix /04†
5-7mm
12023/1
White
Suffix /05
7-9mm
12023/2
Yellow
Suffix /07*
Gland Pack
SA3253
Pack of 3 glands to suit cables
3.5-5mm, 5-7mm & 7-9mm dia†
*Note: 7-9mm gland standard for 25 way, no suffix required.
†Includes additional black gland cage for 3.5-5mm dia. cable
range.
To order connector with alternative cable gland add suffix to
part no. e.g. PX0731/P/07 = PX0731 3 pin connector with
cable gland to suit 7-9mm dia. cable.
Tools
Crimp Tool (25 pole)
PNo. 13170
Crimp Tool (12 pole)
PNo. 14025
Positioner (12 pole)
PNo. 14025/5AMP
Crimp Tool (9 pole)
PNo. 13826
Crimp Tool (3 pole)
PNo. 14232
3 pole positioner
PNo. 14232/1
Insertion/Extraction Tool (25 pole)
PNo. 13027
Insertion/Extraction Tool (12 pole)
PNo. 13027/1
Insertion/Extraction Tool (3 pole)
PNo. 13027/3
Hex Cavities for BNC Inserts
Centre Contact:
1.69 A/F (B.S. ‘W’/ERMA XA)
Braid:
6.48 A/F (B.S. ‘E’/ERMA XH)
12 & 25 way contacts
Crimp or Solder Pins and
Sockets
Gold Plated
Current ratings:
12 way: 5A, 50V
25 way: 1A, 50V
Contacts - Solder & Crimp for 12 and 25 pole
Contacts (for 25 pole)
(Supplied in packs of 10)
Solder
Crimp
Pins
SA3180/1
SA3180
Sockets
SA3179/1
SA3179
Cable Acceptance - Standard as supplied
Cable Acceptance - Alternatives
CONTACTS FOR 12 AND 25 POLE INSERTS
ASSEMBLY TOOLS
CABLE GLANDS
Contacts (for 12 pole)
(Supplied in packs of 10)
Solder
Crimp
Pins
SA3348/1
SA3348
Sockets
SA3347/1
SA3347
With or without matching
gland nut
Positive visual identification
Available in; Black, Blue,
Green, Grey, Light Grey,
Red, White and Yellow
Part No Suffix
Colour
Blank
Black
BL
Blue
GN
Green
GY
Grey
LG
Light Grey
RD
Red
WH
White
YL
Yellow
Insert/Gland Nut Combinations
1
Insert and Gland Nut Coloured
2
Insert Only Coloured
e. g. PX0731/P/YL1 = Yellow insert and gland nut
Contact Inserts Colour Options
Coloured Inserts
COLOURED CONTACT INSERTS


Similar Part No. - PX0730P

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0733 BULGIN-PX0733 Datasheet
327Kb / 4P
   FireWire Buccaneer짰
PX0733 BULGIN-PX0733 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
PX0733 BULGIN-PX0733 Datasheet
552Kb / 6P
   USB Buccaneer짰
More results

Similar Description - PX0730P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
   SMB Buccaneer
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
   Buccaneer Antenna
logo
List of Unclassifed Man...
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
   USB Buccaneer
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
   400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
   Mini Buccaneer
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
   400 Series Buccaneer
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
   4000 Series Buccaneer
logo
Elektron Components Ltd...
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
   IP68 Sealed - Mini USB Buccaneer
logo
Panasonic Semiconductor
JW2SNBDC12V PANASONIC-JW2SNBDC12V Datasheet
141Kb / 7P
   power relays for power supply
2SB0944 PANASONIC-2SB0944 Datasheet
85Kb / 4P
   For Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com