Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-05-1062 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 22-05-1062
Description  Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 6 Circuits, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-05-1062 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  22-05-1062 Datasheet HTML 1Page - Molex Electronics Ltd. 22-05-1062 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
1.5A, 2.5A, 2A, 3A
Voltage - Maximum
250V
Material Info
Old Part Number
5046-06A
Reference - Drawing Numbers
Packaging Specification
SPK-5046-001
Product Specification
PS-5046-002, PS-5102-002, PS-51191-002,
RPS-51191-007
Sales Drawing
SD-5046-NA
This document was generated on 05/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 22-05-1062

ManufacturerPart #DatasheetDescription
logo
MolexKits
22-05-1062 MOLEXKITS-22-05-1062 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
22-05-1062 MOLEXKITS-22-05-1062 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
22-05-1062 MOLEXKITS-22-05-1062 Datasheet
23Kb / 3P
   PCB Through Hole
logo
Molex Electronics Ltd.
22-05-1062 MOLEX2-22-05-1062 Datasheet
104Kb / 3P
   2.50mm (.098) Pitch Wire-to-Board Header, Right Angle, Friction Lock, 6 Circuits, Tin (Sn) Plating
More results

Similar Description - 22-05-1062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-05-1052 MOLEX11-22-05-1052 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 5 Circuits, Tin (Sn) Plating
22-05-1072 MOLEX11-22-05-1072 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 7 Circuits, Tin (Sn) Plating
22-05-1082 MOLEX11-22-05-1082 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 8 Circuits, Tin (Sn) Plating
22-05-1112 MOLEX11-22-05-1112 Datasheet
55Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 11 Circuits, Tin (Sn) Plating
22-05-1022 MOLEX11-22-05-1022 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 2 Circuits, Tin (Sn) Plating
22-05-1042 MOLEX11-22-05-1042 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 4 Circuits, Tin (Sn) Plating
22-05-1102 MOLEX11-22-05-1102 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 10 Circuits, Tin (Sn) Plating
22-05-1122 MOLEX11-22-05-1122 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 12 Circuits, Tin (Sn) Plating
22-05-1152 MOLEX11-22-05-1152 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 15 Circuits, Tin (Sn) Plating
22-05-1032 MOLEX11-22-05-1032 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 3 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com