Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUC120 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NUC120
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NUC120 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NUC120 Datasheet HTML 1Page - List of Unclassifed Manufacturers NUC120 Datasheet HTML 2Page - List of Unclassifed Manufacturers NUC120 Datasheet HTML 3Page - List of Unclassifed Manufacturers NUC120 Datasheet HTML 4Page - List of Unclassifed Manufacturers NUC120 Datasheet HTML 5Page - List of Unclassifed Manufacturers NUC120 Datasheet HTML 6Page - List of Unclassifed Manufacturers NUC120 Datasheet HTML 7Page - List of Unclassifed Manufacturers NUC120 Datasheet HTML 8Page - List of Unclassifed Manufacturers NUC120 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
NuMicro
™ NUC100 Data Sheet
Publication Release Date: Jan. 2, 2012
- 4 -
Revision V2.03
7.3 
AC Electrical Characteristics ........................................................................................ 73 
7.3.1
  External 4~24 MHz High Speed Crystal .........................................................................73 
7.3.2
  External 32.768 kHz Low Speed Crystal ........................................................................74 
7.3.3
  Internal 22.1184 MHz High Speed Oscillator..................................................................74 
7.3.4
  Internal 10 kHz Low Speed Oscillator.............................................................................74 
7.4 
Analog Characteristics.................................................................................................. 75 
7.4.1
  Specification of 12-bit SARADC .....................................................................................75 
7.4.2
  Specification of LDO and Power management...............................................................76 
7.4.3
  Specification of Low Voltage Reset ................................................................................77 
7.4.4
  Specification of Brown-Out Detector...............................................................................77 
7.4.5
  Specification of Power-On Reset (5 V)...........................................................................77 
7.4.6
  Specification of Temperature Sensor .............................................................................78 
7.4.7
  Specification of Comparator ...........................................................................................78 
7.5 
Flash DC Electrical Characteristics .............................................................................. 79 
7.6 
SPI Dynamic Characteristics ........................................................................................ 80 
PACKAGE DIMENSIONS......................................................................................................... 82 
8.1 
100L LQFP (14x14x1.4 mm footprint 2.0mm) .............................................................. 82 
8.2 
64L LQFP (10x10x1.4mm footprint 2.0 mm) ................................................................ 83 
8.3 
48L LQFP (7x7x1.4mm footprint 2.0mm) ..................................................................... 84 
REVISION HISTORY ................................................................................................................ 85 


Similar Part No. - NUC120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC120 ETC2-NUC120 Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC120 NUVOTON-NUC120 Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC120 NUVOTON-NUC120 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC120-LA1C NUVOTON-NUC120-LA1C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC120-LA1C NUVOTON-NUC120-LA1C Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Similar Description - NUC120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com