Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVD4808N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVD4808N
Description  Power MOSFET 30 V, 63 A, Single N?묬hannel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD4808N Datasheet(HTML) 1 Page - ON Semiconductor

  NVD4808N Datasheet HTML 1Page - ON Semiconductor NVD4808N Datasheet HTML 2Page - ON Semiconductor NVD4808N Datasheet HTML 3Page - ON Semiconductor NVD4808N Datasheet HTML 4Page - ON Semiconductor NVD4808N Datasheet HTML 5Page - ON Semiconductor NVD4808N Datasheet HTML 6Page - ON Semiconductor NVD4808N Datasheet HTML 7Page - ON Semiconductor NVD4808N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 7
1
Publication Order Number:
NTD4808N/D
NTD4808N, NVD4808N
Power MOSFET
30 V, 63 A, Single N−Channel, DPAK/IPAK
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
NVD Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These are Pb−Free Devices
Applications
CPU Power Delivery
DC−DC Converters
Low Side Switching
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Note 1)
Steady
State
TA = 25°C
ID
13.8
A
TA = 85°C
10.7
Power Dissipation
RqJA (Note 1)
TA = 25°C
PD
2.63
W
Continuous Drain
Current RqJA
(Note 2)
TA = 25°C
ID
10
A
TA = 85°C
7.8
Power Dissipation
RqJA (Note 2)
TA = 25°C
PD
1.4
W
Continuous Drain
Current RqJC
(Note 1)
TC = 25°C
ID
63
A
TC = 85°C
49
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
54.6
W
Pulsed Drain
Current
tp=10ms
TA = 25°C
IDM
126
A
Current Limited by Package
TA = 25°C
IDmaxPkg
45
A
Operating Junction and Storage
Temperature
TJ,
TSTG
−55 to
+175
°C
Source Current (Body Diode)
IS
45
A
Drain to Source dV/dt
dV/dt
6
V/ns
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 24 V, VGS = 10 V,
IL = 17 Apk, L = 1.0 mH, RG = 25 W)
EAS
144.5
mJ
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
MARKING DIAGRAMS
& PIN ASSIGNMENTS
http://onsemi.com
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
8.0 mW @ 10 V
63 A
12.4 mW @ 4.5 V
G
S
N−CHANNEL MOSFET
D
DPAK
CASE 369AA
STYLE 2
IPAK
CASE 369D
STYLE 2
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
1
Gate
2
Drain 3
Source
4
Drain
4
Drain
2
Drain
1
Gate
3
Source
Y
= Year
WW
= Work Week
4808N = Device Code
G
= Pb−Free Package
1
2
3
4
1 2
3
4


Similar Part No. - NVD4808N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD4808NT4G ONSEMI-NVD4808NT4G Datasheet
122Kb / 8P
   Power MOSFET
September, 2014 ??Rev. 8
More results

Similar Description - NVD4808N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
NTD4905N ONSEMI-NTD4905N Datasheet
148Kb / 8P
   Power MOSFET 30 V, 67 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 0
NTD4808N ONSEMI-NTD4808N Datasheet
326Kb / 8P
   Power MOSFET 30 V, 63 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4809NH ONSEMI-NTD4809NH Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
November, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com