Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX0768S Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PX0768S
Description  BUCCANEER FOR POWER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0768S Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  PX0768S Datasheet HTML 1Page - List of Unclassifed Manufacturers PX0768S Datasheet HTML 2Page - List of Unclassifed Manufacturers PX0768S Datasheet HTML 3Page - List of Unclassifed Manufacturers PX0768S Datasheet HTML 4Page - List of Unclassifed Manufacturers PX0768S Datasheet HTML 5Page - List of Unclassifed Manufacturers PX0768S Datasheet HTML 6Page - List of Unclassifed Manufacturers PX0768S Datasheet HTML 7Page - List of Unclassifed Manufacturers PX0768S Datasheet HTML 8Page - List of Unclassifed Manufacturers PX0768S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.bulgin.com
33
BUCCANEER FOR POWER
bulgin
a brand of Elektron Technology
Standard Buccaneer®
SPECIFICATION
Electrical:
No. Poles:
2, 3
4
6, 7
9
12
25
Current Rating:
VDE, UL, CCC
12A
10A
5A
5A
5A
1A
CSA
10A
6A
3A
5A
5A
1A
Voltage Rating (ac/dc):
277V 277V 277V 150V 50V 50V
Contact Resistance:
<10m
 (2-9 Pole)
<5m
 (12 Pole)
<5m
 (25 Pole)
Insulation Resistance:
>104M
 @ 500V d.c. (2-9 Pole)
AC Breakdown voltage:
4kV Pole - Pole (2-9 Pole)
6kV Poles - Panel (Low Profile Flange
and Panel Types – 2-9 Pole)
7.5kV Poles - Panel (Other Types –
2-9 Pole)
Operating Temp. Range:
–20°C to +70°C
Approvals:
UL
E93288
CSA
LR80968-30
VDE
40023148
CCC
2011010203500391 – 1 Amp Rated
2011010203500393 – 5 Amp Rated
2011010203500394 – 11 Amp Rated
2011010203500395 – 12 Amp Rated
Overmoulded cable assemblies
approvals to customer requirements.
Material:
Body Mouldings:
Glass Filled Polyamide UL94HB
Inserts (2-25 pole):
Polyamide UL94V-0
PX0707
Polyamide UL94V-0
PX0708
Polyamide UL94V-0
PX0709
Polyamide UL94V-0
Overmoulded types:
Body Mouldings:
Polyurethane
Flammability Rating:
UL94V-HB
Contacts:
Screw Terminal:
Brass, Nickel Plated
Crimp (9 pole):
Copper Alloy, Tin Plated
Crimp/Solder (12 +25 Pole):
Copper Alloy, Gold Plated
(0.1µm on Nickel)
BNC inserts:
Brass, Nickel Plated
BNC contacts:
Brass, Silver Plated
Compliant
Mechanical:
Sealing:
IP68, BS 5490 : 1977 Tested @
1.054kg/sq.cm. (15lb/sq.in.) 10m depth for
2 weeks.
BSEN 60529 : 1992 Tested @ 9.84kg/sq.cm.
(140lb/sq.in.) 100m depth for 12 hours.
IP69K, DIN 40050-9
Cable Acceptance:
2-12 Pole - standard gland:
6-8mm dia
2-12 Pole - alternative glands: 3.5-9mm dia
25 Pole - standard gland:
7-9mm dim
25 Pole - alternative glands:
3.5-7mm dim
BNC 50
 :
RG 58/CU, URM43 & URM76
BNC 75
 :
URM70
Contact Accommodation:
2 and 3 pole screw terminals: 4mm2 (12AWG) max
3 pole crimp:
1.0-1.5mm2 (14-18AWG) max
4, 6 and 7 pole:
1.5mm2 (16AWG) max
9 pole:
0.12-0.21mm2 (24-26AWG)
12 pole:
0.32mm2 (22-26AWG) max
25 pole:
0.12-0.21mm2 (24-26AWG)
Terminations:
2-7 Pole:
Screw Terminals
3 Pole:
Screw Terminals & Crimp
9 Pole:
Crimp Contacts
12 Pole:
Crimp & Solder Contacts
25 Pole:
Crimp & Solder Contacts
Tightening Torques:
Flex Mounting/In-Line:
Gland Nut: 1.13Nm (10lbf.in.)
Panel Mounting:
Rear Fixing Nut: 1.7Nm (15lbf.in.)
Front Fixing Nut: 1.7Nm (15lbf.in.)
Surface/Bulkhead and Low
Profile Flange Mounting:
4 Fixing Screws (using washers supplied)
0.34Nm (3lbf.in.)
Sealings Caps/Locking Ring:
1.13Nm (10lbf.in.)
Rear thread, Front Panel Connector: M27 x 1.0-6H
Thread, Front Panel Connector:
M35 x 1.0-6H


Similar Part No. - PX0768S

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0705 BULGIN-PX0705 Datasheet
99Kb / 1P
   EN60 320-2-2 Standard Sheet H Class II
PX0705/28 BULGIN-PX0705/28 Datasheet
99Kb / 1P
   EN60 320-2-2 Standard Sheet H Class II
PX0711 BULGIN-PX0711 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
PX0711 BULGIN-PX0711 Datasheet
552Kb / 6P
   USB Buccaneer짰
PX0716 BULGIN-PX0716 Datasheet
85Kb / 1P
   Accessories
More results

Similar Description - PX0768S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
   SMB Buccaneer
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
   Buccaneer Antenna
logo
List of Unclassifed Man...
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
   USB Buccaneer
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
   400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
   Mini Buccaneer
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
   400 Series Buccaneer
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
   4000 Series Buccaneer
logo
Elektron Components Ltd...
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
   IP68 Sealed - Mini USB Buccaneer
logo
Panasonic Semiconductor
JW2SNBDC12V PANASONIC-JW2SNBDC12V Datasheet
141Kb / 7P
   power relays for power supply
2SB0944 PANASONIC-2SB0944 Datasheet
85Kb / 4P
   For Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com