Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALE Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # ALE
Description  LE RELAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ALE Datasheet(HTML) 3 Page - Panasonic Battery Group

  ALE Datasheet HTML 1Page - Panasonic Battery Group ALE Datasheet HTML 2Page - Panasonic Battery Group ALE Datasheet HTML 3Page - Panasonic Battery Group ALE Datasheet HTML 4Page - Panasonic Battery Group ALE Datasheet HTML 5Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
LE (ALE)
ASCTB194E 201202-T
2. Specifications
* Specifications will vary with foreign standards certification ratings.
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
REFERENCE DATA
Characteristics
Item
Specifications
Contact
Contact material
AgSnO2 type
Arrangement
1 Form A
Contact resistance (Initial)
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Rating
Nominal switching capacity (resistive load)
16A 277V AC
Max. switching power (resistive load)
4,432VA
Max. switching voltage
277V AC
Max. switching current
16A
Nominal operating power
400mW (Standard type), 200mW (High sensitive type)
Min. switching capacity (reference value)*1
100mA, 5V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1 min. (Detection current: 10 mA)
Between contact and coil
4,000 Vrms for 1 min. (Detection current: 10 mA)
Temperature rise (coil)
Max. 55
°C 131°F, Max. 45°C 113°F (200mW type) (By resistive method, nominal coil voltage
applied to the coil; contact carrying current: 16A, at 20
°C 68°F)
Surge breakdown voltage*2
(Between contact and coil) (Initial)
10,000 V
Operate time (at nominal voltage) (at 20
°C 68°F)
Max. 20 ms (excluding contact bounce time.)
Release time (at nominal voltage) (at 20
°C 68°F)
Max. 20 ms, Max. 25 ms (200mW type) (excluding contact bounce time) (With diode)
Mechanical
characteristics
Shock resistance
Functional
200 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
1,000 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1.5 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 1.5 mm
Expected life
Mechanical (at 180 times/min.)
Min. 2
×106
Electrical (at 20 times/min.)
Min. 105 (at resistive load)
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –40
°C to +85°C –40°F to +185°F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
20 times/min. (at nominal switching capacity)
Unit weight
Approx. 17 g .60 oz, Approx. 15 g .53 oz (PCB type)
1-1. Coil temperature rise (400mW type)
Sample: ALE14B12, 6 pcs.
Point measured: coil inside
Ambient temperature: 25
°C 77°F, 85°C 185°F
1-2. Coil temperature rise (200mW type)
Sample: ALE74B12, 6 pcs.
Point measured: coil inside
Ambient temperature: 23.7
°C 74.66°F, 85°C 185°F
2. Life curve
80
0
0
10
20
30
40
Coil applied voltage, %V
50
60
100
145
12A
12A
16A
0A
16A
0A
85
°C
25
°C
80
0
0
5
10
15
20
Coil applied voltage, %V
25
30
100
145
16A
0A
16A
0A
85
°C
23.7
°C
100
10
1
2
0
468
10
12
14
16
250V AC resistive load
Contact current, A


Similar Part No. - ALE

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ALE COPAL-ALE Datasheet
438Kb / 4P
   Standard Lever & Rocker Switches
logo
Advanced Semiconductor ...
ALE0859T3 ASB-ALE0859T3 Datasheet
421Kb / 3P
   Internally Matched LNA Module
September 2009
ALE0859T3 ASB-ALE0859T3 Datasheet
212Kb / 3P
   Internally Matched LNA Module
September 2017
ALE0859T3 ASB-ALE0859T3_13 Datasheet
496Kb / 3P
   Internally Matched LNA Module
September 2009
ALE0859T3 ASB-ALE0859T3_17 Datasheet
212Kb / 3P
   Internally Matched LNA Module
September 2017
More results

Similar Description - ALE

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
12_SERIES QUALTEK-12_SERIES Datasheet
1Mb / 1P
   DOUB LE LOOP CAB LE TIES
logo
RAYEX ELECTRONICS CO., ...
LE-12FW RAYEX-LE-12FW Datasheet
515Kb / 2P
   LE SERIES
logo
CUI INC
CP60440 CUI-CP60440 Datasheet
142Kb / 3P
   PELTIER MODU LE
CP85138 CUI-CP85138 Datasheet
144Kb / 3P
   PELTIER MODU LE
CP30138 CUI-CP30138 Datasheet
143Kb / 3P
   PELTIER MODU LE
CP40136 CUI-CP40136 Datasheet
145Kb / 3P
   PELTIER MODU LE
CP40236 CUI-CP40236 Datasheet
144Kb / 3P
   PELTIER MODU LE
CP60133 CUI-CP60133 Datasheet
142Kb / 3P
   PELTIER MODU LE
CP85438 CUI-CP85438 Datasheet
143Kb / 3P
   PELTIER MODU LE
CP40336 CUI-CP40336 Datasheet
145Kb / 3P
   PELTIER MODU LE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com