Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALZ Datasheet(PDF) 4 Page - Panasonic Battery Group

Part # ALZ
Description  LZ RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ALZ Datasheet(HTML) 4 Page - Panasonic Battery Group

  ALZ Datasheet HTML 1Page - Panasonic Battery Group ALZ Datasheet HTML 2Page - Panasonic Battery Group ALZ Datasheet HTML 3Page - Panasonic Battery Group ALZ Datasheet HTML 4Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
LZ (ALZ)
ASCTB203E 201209-T
SAFETY STANDARDS
* CSA standard: Certified by C-UL
NOTES
For Cautions for Use.
UL/C-UL (Recognized)
VDE (Certified)
TV rating (UL/CSA)
File No.
Contact rating
File No.
Contact rating
File No.
Rating
E43149
16A 277V AC, 34.8LRA/7.2FLA/120V AC, 15LRA/3FLA/120V AC
10LRA/3FLA 240V AC, 20A 240V AC (N.O. only)
16A 30V DC, 25A 240V AC, 15A 240V AC Resistive load 105
°C (N.O. only)
40000380
16A 250V AC (cos
φ=1.0)
C-UL
E43149
TV-5
1. Electrical life (Sealed type)
In order to obtain the full rated life cycles,
the relay should be properly vented by
removing the vent nib after the soldering/
washing process.
Vent nib


Similar Part No. - ALZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALZ11B05 NAIS-ALZ11B05 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
logo
Panasonic Semiconductor
ALZ11B05W PANASONIC-ALZ11B05W Datasheet
74Kb / 4P
   Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
logo
Nais(Matsushita Electri...
ALZ11B09 NAIS-ALZ11B09 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
logo
Panasonic Semiconductor
ALZ11B09W PANASONIC-ALZ11B09W Datasheet
74Kb / 4P
   Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
logo
Nais(Matsushita Electri...
ALZ11B12 NAIS-ALZ11B12 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
More results

Similar Description - ALZ

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
LZ SHARMA-LZ Datasheet
355Kb / 2P
   LZ Series
logo
Ferroxcube Internationa...
CSHS-EP7-1S-8P-LZ FERROXCUBE-CSHS-EP7-1S-8P-LZ Datasheet
49Kb / 1P
   CSHS-EP7-1S-8P-LZ
logo
Honeywell Accelerometer...
LZA1 HONEYWELL-ACC-LZA1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZL1 ETC1-LZL1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
   Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com