Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2505L-1 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS2505L-1
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2505L-1 Datasheet(HTML) 2 Page - California Eastern Labs

  PS2505L-1 Datasheet HTML 1Page - California Eastern Labs PS2505L-1 Datasheet HTML 2Page - California Eastern Labs PS2505L-1 Datasheet HTML 3Page - California Eastern Labs PS2505L-1 Datasheet HTML 4Page - California Eastern Labs PS2505L-1 Datasheet HTML 5Page - California Eastern Labs PS2505L-1 Datasheet HTML 6Page - California Eastern Labs PS2505L-1 Datasheet HTML 7Page - California Eastern Labs PS2505L-1 Datasheet HTML 8Page - California Eastern Labs PS2505L-1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Data Sheet PN10228EJ03V0DS
2
PS2505-1,-4,PS2505L-1,-4
PACKAGE DIMENSIONS (UNIT : mm)
DIP Type
PS2505-4
PS2505-1
19.8±0.5
2.54
1.25±0.15
0.50±0.10
0.25 M
0 to 15
°
7.62
0.25
+0.1
–0.05
2.54
1.25±0.15
0.50±0.10
0.25 M
4.6±0.35
0 to 15
°
7.62
0.25
+0.1
–0.05
1 2
4 3
1
8
16
9
Lead Bending Type
PS2505L-4
19.8±0.5
2.54
1.25±0.15
0.25 M
0.15
0.9±0.25
9.60±0.4
PS2505L-1
0.25 M
4.6±0.35
2.54
1.25±0.15
0.15
0.9±0.25
9.60±0.4
1 2
4 3
1
8
16
9
PHOTOCOUPLER CONSTRUCTION
Parameter
Unit (MIN.)
Air Distance
7 mm
Outer Creepage Distance
7 mm
Inner Creepage Distance
3.5 mm
Isolation Thickness
0.3 mm
<R>
<R>


Similar Part No. - PS2505L-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2505L-1 NEC-PS2505L-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2505L-1-E3 NEC-PS2505L-1-E3 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2505L-1-E4 NEC-PS2505L-1-E4 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2505L-1-F3 NEC-PS2505L-1-F3 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2505L-1-F4 NEC-PS2505L-1-F4 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2505L-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1_15 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2505-1 RENESAS-PS2505-1_15 Datasheet
262Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2505-1 NEC-PS2505-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1 Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2565-1 NEC-PS2565-1 Datasheet
108Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2565-1 CEL-PS2565-1 Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com