Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2381-1Y-F3-AX Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS2381-1Y-F3-AX
Description  4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2381-1Y-F3-AX Datasheet(HTML) 5 Page - California Eastern Labs

  PS2381-1Y-F3-AX Datasheet HTML 1Page - California Eastern Labs PS2381-1Y-F3-AX Datasheet HTML 2Page - California Eastern Labs PS2381-1Y-F3-AX Datasheet HTML 3Page - California Eastern Labs PS2381-1Y-F3-AX Datasheet HTML 4Page - California Eastern Labs PS2381-1Y-F3-AX Datasheet HTML 5Page - California Eastern Labs PS2381-1Y-F3-AX Datasheet HTML 6Page - California Eastern Labs PS2381-1Y-F3-AX Datasheet HTML 7Page - California Eastern Labs PS2381-1Y-F3-AX Datasheet HTML 8Page - California Eastern Labs PS2381-1Y-F3-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PS2381-1
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
30
25
20
15
10
5
02
4
6
8
10
1
0.1
0
0.2
0.4
0.6
0.8
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
10
1.0
5 mA
2 mA
1 mA
IF = 10 mA
5 mA
2 mA
1 mA
IF = 10 mA
120
100
80
60
40
20
0
25
50
75
100
150
125
1.0 mW/
°C
115
210
180
150
120
90
60
30
0
25
50
75
100
125
1.5 mW/
°
150
C
115
0
20
40
60
100
80
10 000
100 000
0.1
100
1 000
10
1
70 V
80 V
VCE = 24 V
100
10
1
0.1
+100
°C
+60
°C
+40
°C
TA = +115
°C
+25
°C
0
°C
–20
°C
–40
°C
Ambient Temperature TA (
°C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
TRANSISTOR POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Ambient Temperature TA (
°C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Collector Saturation Voltage VCE (sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
115
Remark The graphs indicate nominal characteristics.
Data Sheet PN10801EJ01V0DS
5


Similar Part No. - PS2381-1Y-F3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2381-1 RENESAS-PS2381-1 Datasheet
257Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2381-1 RENESAS-PS2381-1 Datasheet
249Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2381-1-F3 RENESAS-PS2381-1-F3 Datasheet
257Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2381-1-F3 RENESAS-PS2381-1-F3 Datasheet
249Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2381-1-V RENESAS-PS2381-1-V Datasheet
257Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
More results

Similar Description - PS2381-1Y-F3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2381-1 RENESAS-PS2381-1 Datasheet
257Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2381-1 RENESAS-PS2381-1_15 Datasheet
249Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2861B-1 CEL-PS2861B-1 Datasheet
245Kb / 13P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110쨘C
PS2761B-1 CEL-PS2761B-1 Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1_15 Datasheet
292Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com