Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7335BN-AA Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX7335BN-AA
Description  1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7335BN-AA Datasheet(HTML) 5 Page - California Eastern Labs

  NX7335BN-AA Datasheet HTML 1Page - California Eastern Labs NX7335BN-AA Datasheet HTML 2Page - California Eastern Labs NX7335BN-AA Datasheet HTML 3Page - California Eastern Labs NX7335BN-AA Datasheet HTML 4Page - California Eastern Labs NX7335BN-AA Datasheet HTML 5Page - California Eastern Labs NX7335BN-AA Datasheet HTML 6Page - California Eastern Labs NX7335BN-AA Datasheet HTML 7Page - California Eastern Labs NX7335BN-AA Datasheet HTML 8Page - California Eastern Labs NX7335BN-AA Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet PL10756EJ01V0DS
5
NX7335 Series
ORDERING INFORMATION
Part Number
FIange Type
NX7335AN-AA
without flange
NX7335BN-AA
flat mount flange
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Pulsed Forward Current
*1
IFP
300
mA
Reverse Voltage
VR
2.0
V
Reverse Voltage (monitor PD)
VRM
10
V
Reverse Current (monitor PD)
IFPM
2.0
mA
Operating Case Temperature
TC
0 to +60
C
Storage Temperature
Tstg
40 to +85
C
Lead Soldering Temperature
Tsld
350 (3 sec.)
C
Relative Humidity (noncondensing)
RH
85
%
*1 Pulse Condition: Pulse Width (PW) = 10
s, Duty = 1%
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward Voltage
VFP
IFP = 200 mA,
PW = 10
s, Duty = 1%
3.5
V
Threshold Current
Ith
8
30
mA
Optical Output Power from Fiber
Pf
IFP = 200 mA,
PW = 10
s, Duty = 1%
20
40
mW
Center Wavelength
C
RMS (
20 dB), IFP = 200 mA,
PW = 10
s, Duty = 1%
1 290
1 310
1 330
nm
Spectral Width
RMS (
20 dB), IFP = 200 mA,
PW = 10
s, Duty = 1%
10.0
nm
Rise Time
tr
10-90%
0.5
2.0
ns
Fall Time
tf
90-10%
0.5
2.0
ns
Forward Current (CW)
Ifcw
Pfcw = 2 mW
15
mA
Monitor Current
Im
Pfcw = 2 mW, VRM = 2 V
0.05
2
mA


Similar Part No. - NX7335BN-AA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7335BN-AA RENESAS-NX7335BN-AA Datasheet
187Kb / 11P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
More results

Similar Description - NX7335BN-AA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7337BJ-AA CEL-NX7337BJ-AA Datasheet
209Kb / 7P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7337BJ-AA RENESAS-NX7337BJ-AA_15 Datasheet
216Kb / 10P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
PL10757EJ01V0DS RENESAS-PL10757EJ01V0DS Datasheet
216Kb / 10P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
logo
California Eastern Labs
NX7337BF-AA CEL-NX7337BF-AA Datasheet
860Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA CEL-NX7338BF-AA Datasheet
877Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA CEL-NX7339BB-AA Datasheet
882Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7337BF-AA RENESAS-NX7337BF-AA Datasheet
173Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA Datasheet
738Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com