Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2381-1Y-V-F3-AX Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2381-1Y-V-F3-AX
Description  4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2381-1Y-V-F3-AX Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2381-1Y-V-F3-AX Datasheet HTML 2Page - California Eastern Labs PS2381-1Y-V-F3-AX Datasheet HTML 3Page - California Eastern Labs PS2381-1Y-V-F3-AX Datasheet HTML 4Page - California Eastern Labs PS2381-1Y-V-F3-AX Datasheet HTML 5Page - California Eastern Labs PS2381-1Y-V-F3-AX Datasheet HTML 6Page - California Eastern Labs PS2381-1Y-V-F3-AX Datasheet HTML 7Page - California Eastern Labs PS2381-1Y-V-F3-AX Datasheet HTML 8Page - California Eastern Labs PS2381-1Y-V-F3-AX Datasheet HTML 9Page - California Eastern Labs PS2381-1Y-V-F3-AX Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PS2381-1
100
10
1
0.1
1 000
100
10
1
10
100
1 000
10 000
tr
IC = 2 mA, VCC = 5 V,
CTR = 220%
1
10
td
100
ts
tf
IF = 5 mA, VCC = 5 V,
CTR = 220%
RL = 1 k
Ω
300
Ω
100
IF = 5 mA,
VCE = 5 V
5
0
–5
–10
–15
–20
–25
0.1
1
10
100
Ω
1 000
tr
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
25
–50
0
25
50
100
75
125
0.01
0.1
1
10
100
VCE = 5 V,
n = 3
Normalized to 1.0
at TA = 25
°C,
IF = 1 mA, VCE = 5 V
Normalized to 1.0
at TA = 25
°C,
IF = 5 mA, VCE = 5 V
td
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
400
350
300
250
200
150
100
50
0
tf
ts
Sample A
B
C
Ambient Temperature TA (
°C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
Frequency f (kHz)
FREQUENCY RESPONSE
CTR@100%
220%
25
–50
0
25
50
100
75
125
CTR@100%
220%
Remark The graphs indicate nominal characteristics.
Data Sheet PN10801EJ01V0DS
6


Similar Part No. - PS2381-1Y-V-F3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2381-1 RENESAS-PS2381-1 Datasheet
257Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2381-1 RENESAS-PS2381-1 Datasheet
249Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2381-1-F3 RENESAS-PS2381-1-F3 Datasheet
257Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2381-1-F3 RENESAS-PS2381-1-F3 Datasheet
249Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2381-1-V RENESAS-PS2381-1-V Datasheet
257Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
More results

Similar Description - PS2381-1Y-V-F3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2381-1 RENESAS-PS2381-1 Datasheet
257Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2381-1 RENESAS-PS2381-1_15 Datasheet
249Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2861B-1 CEL-PS2861B-1 Datasheet
245Kb / 13P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110쨘C
PS2761B-1 CEL-PS2761B-1 Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1_15 Datasheet
292Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com