Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX5321EK-AZ Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX5321EK-AZ
Description  1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX5321EK-AZ Datasheet(HTML) 4 Page - California Eastern Labs

  NX5321EK-AZ Datasheet HTML 1Page - California Eastern Labs NX5321EK-AZ Datasheet HTML 2Page - California Eastern Labs NX5321EK-AZ Datasheet HTML 3Page - California Eastern Labs NX5321EK-AZ Datasheet HTML 4Page - California Eastern Labs NX5321EK-AZ Datasheet HTML 5Page - California Eastern Labs NX5321EK-AZ Datasheet HTML 6Page - California Eastern Labs NX5321EK-AZ Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NX5321 Series
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Optical Output Power
Po
10
mW
Forward Current of LD
IF
150
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°C
Relative Humidity (noncondensing)
RH
85
%
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating Voltage
Vop
Po = 5.0 mW
1.1
1.5
V
Operating Current
Iop
Po = 5.0 mW
10
20
35
mA
Threshold Current
Ith
3
7
15
mA
Differential Efficiency
ηd
0.2
0.3
0.7
W/A
Center Wavelength
λC
Po = 5.0 mW, RMS (
−20 dB)
1 290
1 310
1 330
nm
Spectral Width
σ
Po = 5.0 mW, RMS (
−20 dB)
1.0
2.0
nm
Rise Time
tr
10-90%
0.15
0.3
ns
Fall Time
tf
90-10%
0.15
0.3
ns
Lateral Beam Angle
θ//
Po = 5.0 mW
11
deg.
Vertical Beam Angle
θ
Po = 5.0 mW
11
deg.
Monitor Current
Im
VR = 1.5 V, Po = 5.0 mW
100
500
900
μA
Monitor Dark Current
ID
VR = 10 V
100
nA
Monitor PD Terminal Capacitance
Ct
VR = 10 V, f = 1 MHz
20
pF
Focal Distance
Df
Po = 5.0 mW
5.0
5.8
6.2
mm
Optical Output Power from Fiber
Pf
Po = 5.0 mW, 8 degree angled fiber,
Optimized x, y,
θ. z = 5.80±0.05 mm
400
800
μW
Data Sheet PL10739EJ01V0DS
4


Similar Part No. - NX5321EK-AZ

ManufacturerPart #DatasheetDescription
logo
NEC
NX5321EK NEC-NX5321EK Datasheet
87Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5321EK RENESAS-NX5321EK Datasheet
237Kb / 9P
   LASER DIODE
2009
More results

Similar Description - NX5321EK-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5310 CEL-NX5310_06 Datasheet
293Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5321 NEC-NX5321 Datasheet
87Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5310 CEL-NX5310 Datasheet
342Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
logo
Renesas Technology Corp
NX6308GH RENESAS-NX6308GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
PL10692EJ03V0DS RENESAS-PL10692EJ03V0DS Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com