Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX5304 Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX5304
Description  NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX5304 Datasheet(HTML) 4 Page - California Eastern Labs

  NX5304 Datasheet HTML 1Page - California Eastern Labs NX5304 Datasheet HTML 2Page - California Eastern Labs NX5304 Datasheet HTML 3Page - California Eastern Labs NX5304 Datasheet HTML 4Page - California Eastern Labs NX5304 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NX5304 Series
TYPICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
Remark
The graphs indicate nominal characteristics.
TOLERANCE OF FIBER
COUPLING DISTANCE (Z)
Z-Axis Tolerance Z (mm)
1.0
0.8
0.4
0.0
0.2
0.6
5.4
5.6
5.2
6.0
5.8
6.2
Pf
Po =
5.0 mW
Z
SMF
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
12
3
40
30
20
10
50
0
500
1 500
1 000
10
5
0
OPTICAL OUTPUT POWER
vs. MONITOR CURRENT
Monitor Current Im ( A)
µ
SPECTRUM
Wavelength λ (nm)
1 300
1 290
1 310
1 320
1 330
–10
–30
–50
–70
–90


Similar Part No. - NX5304

ManufacturerPart #DatasheetDescription
logo
NEC
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
logo
Renesas Technology Corp
NX5304 RENESAS-NX5304 Datasheet
277Kb / 13P
   LASER DIODE
2003
logo
NEC
NX5304EH NEC-NX5304EH Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
logo
Renesas Technology Corp
NX5304EH RENESAS-NX5304EH Datasheet
277Kb / 13P
   LASER DIODE
2003
logo
NEC
NX5304EK NEC-NX5304EK Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
More results

Similar Description - NX5304

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
NX5310 CEL-NX5310 Datasheet
342Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
NX7301BA-CC CEL-NX7301BA-CC Datasheet
105Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6301 CEL-NX6301 Datasheet
96Kb / 4P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6306 CEL-NX6306 Datasheet
388Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
NX7312UA CEL-NX7312UA Datasheet
187Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS
NX6506 CEL-NX6506 Datasheet
353Kb / 5P
   NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com