Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX5306EH Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX5306EH
Description  NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX5306EH Datasheet(HTML) 5 Page - California Eastern Labs

  NX5306EH Datasheet HTML 1Page - California Eastern Labs NX5306EH Datasheet HTML 2Page - California Eastern Labs NX5306EH Datasheet HTML 3Page - California Eastern Labs NX5306EH Datasheet HTML 4Page - California Eastern Labs NX5306EH Datasheet HTML 5Page - California Eastern Labs NX5306EH Datasheet HTML 6Page - California Eastern Labs NX5306EH Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NX5306 SERIES
ELECTRO-OPTICAL CHARACTERISTICS (TC = -25°C, unless otherwise speciÞed)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage
Vop
Po = 5.0 mW, TC = −40 to +85°C1.1
1.5
V
Threshold Current
Ith
10
15
mA
TC = 85°C25
30
Threshold Output Power
Pth
TC = −40 to +85°C, IF = Ith
100
200
μW
Differential EfÞciency
ηd
0.32
0.4
W/A
Temperature Dependence of
Differential EfÞciency
Δηd
Δηd = 10 log
−3.0
−1.2
dB
Center Wavelength
λC
Po = 5.0 mW, RMS (−20 dB)
TC = −40 to +85°C
1 263
1 360
nm
Temperature Dependence of
Center Wavelength
Δλ/ΔTTC = −40 to +85°C0.4
0.5
nm/
°C
Spectral Width
σ
Po = 5.0 mW, RMS (−20 dB)
TC = −40 to +85°C
1.0
2.5
nm
Rise Time
tr
10-90%
0.15
0.3
ns
Fall Time
tf
90-10%
0.15
0.3
ns
Monitor Current
Im
VR = 5 V, Po = 5.0 mW
150
300
600
μA
Monitor Dark Current
ID
VR = 5 V
0.1
10
nA
VR = 5 V, TC = −40 to +85°C
500
Monitor PD Terminal Capacitance
Ct
VR = 5 V, f = 1 MHz
6
20
pF
Tracking Error*1
γ
Im = const. (@ Po = 5.0 mW, TC =
25°C)
TC = −40 to +85°C
−1.0
1.0
dB
ηd (@85ºC)
ηd (@25ºC)
*1
Tracking Error: γ
0
Im
Im
TC = 25ºC
TC = -40 to +85ºC
Po
(mW)
Po
5.0
(mA)
γ = 10 log
[dB]
Po
5.0


Similar Part No. - NX5306EH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX5306EH RENESAS-NX5306EH Datasheet
272Kb / 13P
   LASER DIODE
2003
logo
NEC
NX5306EHNX5306EK NEC-NX5306EHNX5306EK Datasheet
230Kb / 7P
   NEC 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE
More results

Similar Description - NX5306EH

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5302SE CEL-NX5302SE Datasheet
128Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX5302 CEL-NX5302 Datasheet
127Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
logo
NEC
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX7304BG-CC CEL-NX7304BG-CC Datasheet
95Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX5315 CEL-NX5315 Datasheet
349Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
logo
NEC
NX5306 NEC-NX5306 Datasheet
230Kb / 7P
   NEC 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX6504 CEL-NX6504 Datasheet
95Kb / 4P
   1550 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX5501 CEL-NX5501 Datasheet
452Kb / 7P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5504 CEL-NX5504 Datasheet
309Kb / 6P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5313 CEL-NX5313 Datasheet
162Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com