Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR7500BP Datasheet(PDF) 3 Page - California Eastern Labs

Part # NR7500BP
Description  NECs ?50關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NR7500BP Datasheet(HTML) 3 Page - California Eastern Labs

  NR7500BP Datasheet HTML 1Page - California Eastern Labs NR7500BP Datasheet HTML 2Page - California Eastern Labs NR7500BP Datasheet HTML 3Page - California Eastern Labs NR7500BP Datasheet HTML 4Page - California Eastern Labs NR7500BP Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NR7500 Series
REVERSE VOLTAGE DEPENDENCE
OF TERMINAL CAPACITANCE
Reverse Voltage, VR (V)
2
0.3
0.5
1
10
3
1
0.3
0.1
f = 1.0 MHz
FREQUENCY RESPONSE
Frequency, f (GHz)
VR = 5 V
λ = 1310 nm
PIN = -10 dB
RL = 50 Ω
0
5.0
2.5
12
9
6
3
0
-3
-6
-9
-12
-15
TYPICAL PERFORMANCE CURVES (TC = 25°C, unless otherwise specified)
PIN CONNECTIONS
1. Anode (Negative)
2. Cathode (Positive)
3. Case
Remark:The graphs indicate nominal characteristics.
NR7500FP/FR
OUTLINE DIMENSIONS (Units in mm)
PIN CONNECTIONS
NR7500CP/CR
12.7±0.2
17.0±0.2
ø2.2
ø0.9
ø3.2±0.2
ø7.0±0.2
ø5.0±0.2
P.C.D. = ø2.0
3
2
1
1
3
2
ø0.45±0.05
2.2
Optical Fiber
Length: 1 m MIN
16.0±0.2
ø3.2±0.2
ø0.9
ø5.0±0.2
ø7.0±0.2
Optical Fiber
Length: 1 m MIN
ø0.45±0.05
3
2
1
1
3
2
12.0±0.1
8.5±0.2
2 – ø2.5
4–R1.25±0.2
P.C.D. = ø2.0


Similar Part No. - NR7500BP

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR7500 CEL-NR7500 Datasheet
195Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
logo
Renesas Technology Corp
NR7500 RENESAS-NR7500 Datasheet
222Kb / 10P
   PHOTO DIODE
2002
NR7500CP-BC RENESAS-NR7500CP-BC Datasheet
222Kb / 10P
   PHOTO DIODE
2002
logo
California Eastern Labs
NR7500CP-BC-AZ CEL-NR7500CP-BC-AZ Datasheet
195Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
logo
Renesas Technology Corp
NR7500CP-CC RENESAS-NR7500CP-CC Datasheet
222Kb / 10P
   PHOTO DIODE
2002
More results

Similar Description - NR7500BP

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR7500 CEL-NR7500 Datasheet
195Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
NR8501BP CEL-NR8501BP Datasheet
241Kb / 6P
   NECs 50 關m InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
NR7800BP CEL-NR7800BP Datasheet
212Kb / 5P
   NECs ?80關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
NR8500BP CEL-NR8500BP Datasheet
212Kb / 5P
   NECs ?50 關m InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR7800 CEL-NR7800 Datasheet
211Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
NR3510UR CEL-NR3510UR Datasheet
126Kb / 3P
   횠50 關m InGaAs PIN-PD ROSA WITH INTERNAL PRE-AMPLIFIER FOR 2.5 GB/s APPLICATIONS
NR3470MU-CC CEL-NR3470MU-CC Datasheet
190Kb / 4P
   NECs InGaAs PIN PD MODULE WITH INTERNAL PREAMPLIFIER FOR 10 Gb/s APPLICATIONS
NR8501 CEL-NR8501 Datasheet
240Kb / 6P
   InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
NR4500BP CEL-NR4500BP Datasheet
98Kb / 3P
   InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
NR4500BP-CC CEL-NR4500BP-CC Datasheet
98Kb / 3P
   InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com