Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9115-V-F4-A Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS9115-V-F4-A
Description  HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9115-V-F4-A Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS9115-V-F4-A Datasheet HTML 3Page - California Eastern Labs PS9115-V-F4-A Datasheet HTML 4Page - California Eastern Labs PS9115-V-F4-A Datasheet HTML 5Page - California Eastern Labs PS9115-V-F4-A Datasheet HTML 6Page - California Eastern Labs PS9115-V-F4-A Datasheet HTML 7Page - California Eastern Labs PS9115-V-F4-A Datasheet HTML 8Page - California Eastern Labs PS9115-V-F4-A Datasheet HTML 9Page - California Eastern Labs PS9115-V-F4-A Datasheet HTML 10Page - California Eastern Labs PS9115-V-F4-A Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PS9115
0
0.2
0.1
0.3
0.4
0.5
0
VCC = 5.0 V
1
2
3
4
5
Ambient Temperature TA (˚C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
–50
–25
0
25
50
75
100
Low Level Output Current IOL (mA)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
–50
–25
0
25
50
75
100
Ambient Temperature TA (˚C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
VCC = 4.5 V,
IF = 7.5 mA,
IOL = 8.0 mA
High Level Output Current IOH (mA)
HIGH LEVEL OUTPUT VOLTAGE vs.
HIGH LEVEL OUTPUT CURRENT
HIGH LEVEL OUTPUT VOLTAGE vs.
HIGH LEVEL OUTPUT CURRENT
High Level Output Current IOH (mA)
Forward Current IF (mA)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
2.5
7.5
5
10
12.5 13
VCC = 4.5 V,
IF = 5.0 mA
0
0.2
0.1
0.3
0.4
0.5
TA = 85˚C
0˚C
25˚C
–1
–2
–3
–4
–5
0
2
1
3
4
5
VCC = 4.5 V,
VF = 0.8 V
TA = 85˚C
25˚C
0˚C
–35
–30
–25
–20
–15
–10
–5
0
2
1
3
4
VCC = 4.5 V,
IF = 250 A
μ
TA = 85˚C
0˚C
25˚C
0
40
20
60
5
1015202530
TA = 25˚C,
VCC = 5 V
tPHL
tPLH
PWD
Remark The graphs indicate nominal characteristics.
Data Sheet PN10267EJ05V0DS
7


Similar Part No. - PS9115-V-F4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS9115-V-F4-A NEC-PS9115-V-F4-A Datasheet
143Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9115-V-F4-AX NEC-PS9115-V-F4-AX Datasheet
143Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS9115-V-F4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9115 NEC-PS9115_1 Datasheet
143Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9123 CEL-PS9123 Datasheet
529Kb / 14P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com