Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC123AP-E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 74HC123AP-E
Description  Old Company Name in Catalogs and Other Documents
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74HC123AP-E Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 74HC123AP-E Datasheet HTML 2Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 3Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 4Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 5Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 6Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 7Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 8Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 9Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HD74HC123A
Rev.2.00, Oct 11, 2005 page 4 of 8
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
210
265
4.5
22
42
53
tPLH
6.0
36
45
ns
A, B or Clear to Q
2.0
240
300
4.5
23
48
60
tPHL
6.0
41
51
ns
A, B or Clear to
Q
2.0
170
215
4.5
18
34
43
tPHL
6.0
29
37
ns
Clear to Q
2.0
180
225
4.5
16
36
45
Propagation delay
time
tPLH
6.0
31
38
ns
Clear to
Q
2.0
75
95
4.5
5
15
19
Output rise/fall
time
tTLH, tTHL
6.0
13
16
ns
2.0
150
190
4.5
30
6
38
Pulse width
tw
6.0
26
33
ns
A, B, Clear
2.0
1.5
µs
Rext = 6 k
4.5
450
Minimum output
pulse width
twQ(min)
6.0
380
ns
Cext = 28 pF
Rext = 2 k
Output pulse width
twQ
4.5
1.0
ms Cext = 0.1
µF, Rext = 10 kΩ
Input capacitance
Cin
5
10
10
pF
Caution in use:
In order to prevent any malfunctions due to noise, connect a high-frequency performance capacitor
between VCC and GND, and keep the wiring between the External components and Cext, Rext/Cext
pins as short as possible.
Test Circuit
L
*
C includes the probe and fig capacitance.
Note:
Measurement point
C
L


Similar Part No. - 74HC123AP-E

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
74HC123A ROCHESTER-74HC123A Datasheet
443Kb / 4P
   Dual Retriggerable Monostable Multivibrator Typical propagation delay: 25 ns
More results

Similar Description - 74HC123AP-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com