Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9851-2-V-F4-A Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS9851-2-V-F4-A
Description  HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9851-2-V-F4-A Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS9851-2-V-F4-A Datasheet HTML 2Page - California Eastern Labs PS9851-2-V-F4-A Datasheet HTML 3Page - California Eastern Labs PS9851-2-V-F4-A Datasheet HTML 4Page - California Eastern Labs PS9851-2-V-F4-A Datasheet HTML 5Page - California Eastern Labs PS9851-2-V-F4-A Datasheet HTML 6Page - California Eastern Labs PS9851-2-V-F4-A Datasheet HTML 7Page - California Eastern Labs PS9851-2-V-F4-A Datasheet HTML 8Page - California Eastern Labs PS9851-2-V-F4-A Datasheet HTML 9Page - California Eastern Labs PS9851-2-V-F4-A Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PS9851-1,-2
ELECTRICAL
CHARACTERISTICS (TA =
−40 to +100°C, VDD = 4.5 to 5.5 V, unless otherwise
specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.6
1.9
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25
°C
30
pF
Detector
High Level Supply Current
IDDH
IF = 0 mA (1ch)
2.5
5
mA/ch
Low Level Supply Current
IDDL
IF = 10 mA (1ch)
2
5
High Level Output Voltage
VOH
IO =
−20
μA, IF = 0 mA
4.0
5.0
V
Low Level Output Voltage
*2
VOL
IO = 20
μA, IF = 10 mA
0
0.1
Coupled
Threshold Input Current
IFHL
VO < 1 V
2.8
6
mA
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25
°C
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
°C
0.6
pF
Propagation Delay Time
(H
→ L) *3
tPHL
IF = 10 mA, VDD = 5 V,
CL = 15 pF, CMOS Levels
34
60
ns
Propagation Delay Time
(L
→ H) *3
tPLH
37
60
Pulse Width
PW
100
Pulse Width Distortion
(PWD)
*3
⏐tPHL−tPLH
3
30
Propagation Delay Skew
tPSK
40
Rise Time
tr
4
Fall Time
tf
4
Common Mode
Transient Immunity at
High Level Output
*4
CMH
VDD = 5 V, IF = 0 mA,
VCM = 1 kV, VO > 4 V, TA = 25
°C
10
20
kV/
μs
Common Mode
Transient Immunity at
Low Level Output
*4
CML
VDD = 5 V, IF = 10 mA,
VCM = 1 kV, VO < 1 V, TA = 25
°C
10
20
*1 Typical values at TA = 25
°C
*2 Because VOL of 2 V or more may be output when LED current input and when output supply, it is important to
confirm the characteristics (operation with the power supply on and off) during design, before using this device.
Data Sheet PN10493EJ03V0DS
6


Similar Part No. - PS9851-2-V-F4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS9851-2-V-F4-A NEC-PS9851-2-V-F4-A Datasheet
91Kb / 10P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9851-2-V-F4-A CEL-PS9851-2-V-F4-A Datasheet
394Kb / 13P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
More results

Similar Description - PS9851-2-V-F4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9851-1 RENESAS-PS9851-1_15 Datasheet
278Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9351L CEL-PS9351L Datasheet
737Kb / 8P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9851-1 CEL-PS9851-1 Datasheet
394Kb / 13P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
NEC
PS9851-1 NEC-PS9851-1 Datasheet
91Kb / 10P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
1Mb / 6P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com