Electronic Components Datasheet Search |
|
74LVC1G123DC Datasheet(PDF) 11 Page - NXP Semiconductors |
|
74LVC1G123DC Datasheet(HTML) 11 Page - NXP Semiconductors |
11 / 31 page 74LVC1G123 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 4 — 27 November 2013 11 of 31 NXP Semiconductors 74LVC1G123 Single retriggerable monostable multivibrator; Schmitt trigger inputs tpd propagation delay CLR to Q (trigger); see Figure 7 CL = 15 pF; VCC = 1.65 V to 1.95 V 2.7 7.6 17.4 2.7 18.9 ns VCC = 2.3 V to 2.7 V 2.1 - 11.0 2.1 12.0 ns VCC = 2.7 V 2.1 - 9.2 2.1 10.0 ns VCC = 3.0 V to 3.6 V 1.7 - 8.2 1.7 8.9 ns VCC = 4.5 V to 5.5 V 1.4 - 5.9 1.4 6.4 ns CL = 30 pF or CL = 50 pF VCC = 1.65 V to 1.95 V 3.1 8.3 18.8 3.3 20.3 ns VCC = 2.3 V to 2.7 V 2.5 - 12.0 2.5 13.1 ns VCC = 2.7 V 2.8 - 11.1 2.8 12.1 ns VCC = 3.0 V to 3.6 V 2.0 - 10.1 2.0 11.0 ns VCC = 4.5 V to 5.5 V 1.5 - 7.1 1.5 7.7 ns tW pulse width input A LOW; B HIGH; see Figure 7 and Figure 8 VCC = 1.65 V to 1.95 V 8.0 - - 8.0 - ns VCC = 2.3 V to 2.7 V 4.0 - - 4.0 - ns VCC = 2.7 V 3.0 - - 3.0 - ns VCC = 3.0 V to 3.6 V 3.0 - - 3.0 - ns VCC = 4.5 V to 5.5 V 2.5 - - 2.5 - ns input CLR LOW; see Figure 7 and Figure 9 VCC = 1.65 V to 1.95 V 8.0 - - 8.0 - ns VCC = 2.3 V to 2.7 V 4.0 - - 4.0 - ns VCC = 2.7 V 3.0 - - 3.0 - ns VCC = 3.0 V to 3.6 V 3.0 - - 3.0 - ns VCC = 4.5 V to 5.5 V 2.5 - - 2.5 - ns Table 9. Dynamic characteristics …continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 18. Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Typ[1] Max Min Max |
Similar Part No. - 74LVC1G123DC |
|
Similar Description - 74LVC1G123DC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |