Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

77F180K-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 77F180K-RC
Description  77F Series Conformal Coated RF Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

77F180K-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  77F180K-RC Datasheet HTML 1Page - Bourns Electronic Solutions 77F180K-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS:
MM
(INCHES)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
77F Series Conformal Coated RF Choke
Product Dimensions
0.64
(0.025)
3.99
(0.157)
10.41
(0.41)
MAX.
25.4
(1.0)
MIN.
MAX.
Typical Part Marking - EIA Color Code
REV. 10/12
1st significant figure (Blue)
2nd significant figure (Gray)
Multiplier (Gold)
Tolerance (Silver)
Example for 6.8 µH, ±10 %
Example for 270 µH, ±5 %
Color
1st & 2nd
Significant
Figure
Multiplier
Tolerance
Silver
Gold
Black
Brown
Red
Orange
Yellow
Green
Blue
Violet
Gray
White
0
1
2
3
4
5
6
7
8
9
0.01
0.1
1
10
100
1000
±10 %
±5 %
1st significant figure (Red)
2nd significant figure (Purple)
Multiplier (Brown)
Tolerance (Gold)


Similar Part No. - 77F180K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
77F180K-RC BOURNS-77F180K-RC Datasheet
172Kb / 2P
   Conformal Coated RF Choke
77F180K-RC BOURNS-77F180K-RC Datasheet
188Kb / 3P
   77F Series Conformal Coated RF Choke
77F180K-RC BOURNS-77F180K-RC Datasheet
172Kb / 2P
   Conformal Coated RF Choke
More results

Similar Description - 77F180K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
77F471J-TR-RC BOURNS-77F471J-TR-RC Datasheet
188Kb / 3P
   77F Series Conformal Coated RF Choke
5300-02-TR-RC BOURNS-5300-02-TR-RC Datasheet
229Kb / 2P
   Conformal Coated RF Choke
77F BOURNS-77F Datasheet
172Kb / 2P
   Conformal Coated RF Choke
78F100J-TR-RC BOURNS-78F100J-TR-RC Datasheet
164Kb / 2P
   Conformal Coated RF Choke
8230-94-RC BOURNS-8230-94-RC Datasheet
225Kb / 2P
   Conformal Coated RF Choke
8230 BOURNS-8230 Datasheet
225Kb / 2P
   Conformal Coated RF Choke
77F151J-TR-RC BOURNS-77F151J-TR-RC Datasheet
172Kb / 2P
   Conformal Coated RF Choke
79FR10M-RC BOURNS-79FR10M-RC Datasheet
109Kb / 2P
   79F Series Conformal Coated RF Choke
5300-41 BOURNS-5300-41 Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
5300-42-RC BOURNS-5300-42-RC Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com