Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFB1724LG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EFB1724LG
Description  172 x 50.8 MM SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFB1724LG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EFB1724LG Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
172 x 50.8 MM SERIES
EFB
DIMENSIONS DRAWING
MOUNTING PANEL CUTOUT
Bearing Type
Ball Bearing
Material
Impeller : Plastic (UL 94V-0)
Lead Wires :
UL 1007 AWG #24 O
Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
Weight : 840g (29.62 oz)
s
Frame : Die-Cast Aluminum
R
*
*
*
*
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
P & Q CURVE (AT RATED VOLTAGE)
47
UNIT:
(INCH)
mm
Operating
Voltage
Range
MODEL
Rated
Voltage
Maximum
Air Flow
Rated
Input
Power
Rated
Current
Speed
Maximum
Air Pressure
Noise
FUNCTION
VDC
VDC
Amp
Watt
R.P.M
.
3
m /min
CFM
mmH2O
IN H2O
dB-A
EFB1712LG
-R00 / -F00
12
8.0 to 14.0
0.79
9.48
2800
5.950
210.12
11.90
0.469
48.0
EFB1724LG
-R00 / -F00
24
12.0 to 28.0
0.39
9.36
EFB1748LG
-R00 / -F00
48
24.0 to 60.0
0.19
9.12
EFB1712MG
-R00 / -F00
12
8.0 to 14.0
0.99
11.88
3050
6.520
230.25
14.50
0.571
50.0
EFB1724MG
-R00 / -F00
24
12.0 to 28.0
0.47
11.28
EFB1748MG
-R00 / -F00
48
24.0 to 60.0
0.25
12.00
EFB1712HG
-R00 / -F00
12
8.0 to 14.0
1.35
16.20
3350
7.130
251.79
17.49
0.689
53.0
EFB1724HG
-R00 / -F00
24
12.0 to 28.0
0.56
13.44
EFB1748HG
-R00 / -F00
48
24.0 to 60.0
0.31
14.88
EFB1712HHG
-R00 / -F00
12
8.0 to 14.0
1.79
21.48
3700
7.920
279.69
20.30
0.800
55.0
EFB1724HHG
-R00 / -F00
24
12.0 to 28.0
0.77
18.48
EFB1748HHG
-R00 / -F00
48
24.0 to 60.0
0.38
18.24
EFB1724VHG
-R00 / -F00
24
12.0 to 28.0
0.97
23.28
4000
8.560
302.29
23.80
0.937
57.0
EFB1748VHG
-R00 / -F00
48
24.0 to 60.0
0.49
23.52
EFB1724SHG
-R00 / -F00
24
12.0 to 28.0
1.17
28.08
4300
9.203
325.00
27.5
1.083
59.0
DELTA ELECTRONICS, INC
(12.598 0.394)
320.0 10.0
(0.394)
(0.394)
10.0
10.0
(0.295)
7.5
(0.295)
7.5
+0.031
(2.000
)
-0.012
+0.8
50.8
-0.3
(8- 0.169 0.012)
8- 4.3 0.3
(6.378 0.012)
( 6.772 0.020)
172.0 0.5
162.0 0.3
LABEL
UNIT:
(INCH)
mm
OUTLET SIDE
INLET SIDE
http://www.deltaww.com
PART NO.
(M /MIN)
3
(CFM)
Air Flow
0
80.0
160.0 240.0 320.0
0
0.20
0.40
0.60
0.80
1.00
1.20
EFB1712/24/48XG
0
2.0
4.0
8.0
6.0
10.0
30.0
25.0
20.0
10.0
5.0
0
15.0
SH
L
M
H
HH
VH


Similar Part No. - EFB1724LG

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
EFB1724HG DELTA-EFB1724HG Datasheet
717Kb / 7P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
EFB1724HHG DELTA-EFB1724HHG Datasheet
825Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
EFB1724SHG DELTA-EFB1724SHG Datasheet
547Kb / 7P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
EFB1724SHG-F00 DELTA-EFB1724SHG-F00 Datasheet
436Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
EFB1724VHG DELTA-EFB1724VHG Datasheet
786Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - EFB1724LG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FFB1748VHG ETC2-FFB1748VHG Datasheet
479Kb / 1P
   172 x 50.8 MM SERIES
6400U ETC2-6400U Datasheet
361Kb / 1P
   DC axial fans Series 6400 U 172 x 150 x 51 mm
logo
Bel Fuse Inc.
ABC60 BEL-ABC60_V01 Datasheet
681Kb / 7P
   4 x 2 x 1.2 Inch Form Factor (101.6 x 50.8 x 30.48 mm)
logo
Fairchild Semiconductor
GMA2275C FAIRCHILD-GMA2275C Datasheet
197Kb / 5P
   2.0 INCH (50.8 mm) 5 X 7 DOT MATRIX STICK DISPLAY
logo
ORION FANS
OA172APXC ORIONFANS-OA172APXC Datasheet
765Kb / 1P
   172 x 51mm (6.7??x 2.0??
OA162 ORIONFANS-OA162 Datasheet
101Kb / 1P
   172 x 55mm (6.7??x 2.2??
logo
Vishay Siliconix
MODEL302 VISHAY-MODEL302 Datasheet
255Kb / 4P
   2 (50.8 mm) Single Turn Wirewound recision Potentiometer
Revision: 28-Jun-07
logo
ORION FANS
OA172S ORIONFANS-OA172S Datasheet
127Kb / 1P
   172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA162-METAL ORIONFANS-OA162-METAL Datasheet
310Kb / 1P
   AC - Harsh Environment 172 x 55mm (6.7??x 2.17??
logo
Vishay Siliconix
302 VISHAY-302_V01 Datasheet
99Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com