Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1P503S Datasheet(PDF) 4 Page - Anaren Microwave

Part # 1P503S
Description  Hybrid Couplers 3 dB, 90
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

1P503S Datasheet(HTML) 4 Page - Anaren Microwave

  1P503S Datasheet HTML 1Page - Anaren Microwave 1P503S Datasheet HTML 2Page - Anaren Microwave 1P503S Datasheet HTML 3Page - Anaren Microwave 1P503S Datasheet HTML 4Page - Anaren Microwave 1P503S Datasheet HTML 5Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Available on Tape and
Reel For Pick and Place
Manufacturing.
Model 1P503S
Rev. B
PIN CONFIGURATION
All of the standard surface mount 3dB hybrid couplers
have pin orientations that are symmetrical. When a port
is designated as the input, automatically the two output
and isolated ports are defined. For example, if the input
port for a device was selected to be Pin 1, Pin 2 is
automatically the isolated port, Pin 4 is the 0 degree
reference output port, and Pin 3 is the output port which
“lags” behind the reference output port by 90 degrees.
Similarly, if Pin 3 was to be selected as the input port,
the adjacent port on the long side (Pin 4) is the isolated
port, the adjacent port on the short side (Pin 2) is the 0
degree output port, and the opposite port (Pin 1) is the -
90 degree output port. Below is a table of all possible
orientations.
MOUNTING
In order for Xinger surface mount couplers to work
optimally, there must be 50transmission lines leading
to and from all of the RF ports. Also, there must be a
very good ground plane under the part to ensure proper
electrical performance. If either of these two conditions
are not satisfied, insertion loss, coupling, VSWR and
isolation may not meet published specifications.
Overall ground is improved if a dense population of
plated through holes connect the top and bottom ground
layers of the PCB. This minimizes ground inductance
and improves ground continuity. All of the Xinger hybrid
and directional couplers are constructed from ceramic
filled PTFE composites, which possess excellent
electrical and mechanical stability having X and Y
thermal coefficient of expansion (CTE) of 17 ppm/
oC
When a surface mount hybrid coupler is mounted to a
printed circuit board, the primary concerns are;
insuring the RF pads of the device are in contact with
the circuit trace of the PCB and insuring the ground
plane of neither the component nor the PCB is in
contact with the RF signal. As long as the geometry
of the unit fits onto the layout of the circuit trace on
the
PCB,
and
the
conditions
of
the
previous
paragraph are followed, the coupler’s performance is
ensured. An example of how the PCB footprint could
look is shown below.
In specific designs, the 50
lines need to be adjusted to the unique dielectric
coefficients and thicknesses as well as varying pick
and place equipment tolerances.
SUGGESTED FOOTPRINT
1P503S Mounting Footprint
Dimensions are in Inches [Millimeters]
Part Is Symmetric About All Axis
.174
[4.42]
.124
[3.15]
4X 50
Transmission
Line
To ensure proper electrical and thermal performance
there must be a ground plane with 100%
solder conection underneath the part
4X .045 SQ
[1.14]
4X .024
[0.61]
4X .099
[2.51]
4X .024 [0.61]
Multiple
plated thru holes
to ground


Similar Part No. - 1P503S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1P503S ANAREN-1P503S Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
More results

Similar Description - 1P503S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1A0230-3 ANAREN-1A0230-3_14 Datasheet
302Kb / 3P
   Hybrid Couplers 3 dB, 90
1B0024-3 ANAREN-1B0024-3_14 Datasheet
175Kb / 4P
   Hybrid Couplers 3 dB, 90
1R0263-3 ANAREN-1R0263-3_14 Datasheet
289Kb / 3P
   Hybrid Couplers 3 dB, 90
10011-3 ANAREN-10011-3 Datasheet
162Kb / 4P
   Hybrid Couplers 3 dB, 90
10016-3 ANAREN-10016-3_14 Datasheet
159Kb / 4P
   Hybrid Couplers 3 dB, 90
11306-3S ANAREN-11306-3S Datasheet
352Kb / 2P
   Hybrid Couplers 3 dB, 90
10013-3 ANAREN-10013-3_14 Datasheet
176Kb / 4P
   Hybrid Couplers 3 dB, 90
10012-3 ANAREN-10012-3_14 Datasheet
142Kb / 4P
   Hybrid Couplers 3 dB, 90
1B0220-3 ANAREN-1B0220-3_14 Datasheet
134Kb / 3P
   Hybrid Couplers 3 dB, 90
logo
List of Unclassifed Man...
1F1304-3S ETC2-1F1304-3S Datasheet
172Kb / 2P
   Hybrid Couplers 3 dB, 90
logo
Anaren Microwave
10014-3 ANAREN-10014-3_14 Datasheet
147Kb / 4P
   Hybrid Couplers 3 dB, 90
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com