Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1P620 Datasheet(PDF) 9 Page - Anaren Microwave

Part # 1P620
Description  Pico Xinger 20dB Directional Coupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

1P620 Datasheet(HTML) 9 Page - Anaren Microwave

Back Button 1P620_10 Datasheet HTML 2Page - Anaren Microwave 1P620_10 Datasheet HTML 3Page - Anaren Microwave 1P620_10 Datasheet HTML 4Page - Anaren Microwave 1P620_10 Datasheet HTML 5Page - Anaren Microwave 1P620_10 Datasheet HTML 6Page - Anaren Microwave 1P620_10 Datasheet HTML 7Page - Anaren Microwave 1P620_10 Datasheet HTML 8Page - Anaren Microwave 1P620_10 Datasheet HTML 9Page - Anaren Microwave 1P620_10 Datasheet HTML 10Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model 1P620
Rev C
PACKAGING
Packaging follows EIA-481-2. Parts are oriented in tape as shown below. Minimum order quantities are 2000
per reel and 77 per tube.
Xinger® Tape & Reel Diagram


Similar Part No. - 1P620_10

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1P620S ANAREN-1P620S Datasheet
514Kb / 4P
   Pico Xinger 20dB Directional Coupler
More results

Similar Description - 1P620_10

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
JP520S ANAREN-JP520S_14 Datasheet
504Kb / 5P
   Pico Xinger 20dB Directional Coupler
1P520 ANAREN-1P520 Datasheet
145Kb / 4P
   Pico Xinger 20dB Directional Coupler
1P520S ANAREN-1P520S_14 Datasheet
505Kb / 5P
   Pico Xinger 20dB Directional Coupler
1P520S ANAREN-1P520S Datasheet
503Kb / 4P
   Pico Xinger 20dB Directional Coupler
1P620 ANAREN-1P620 Datasheet
163Kb / 4P
   Pico Xinger 20dB Directional Coupler
1P620S ANAREN-1P620S Datasheet
514Kb / 4P
   Pico Xinger 20dB Directional Coupler
JP520S ANAREN-JP520S Datasheet
502Kb / 4P
   Pico Xinger 20dB Directional Coupler
1P610 ANAREN-1P610 Datasheet
161Kb / 4P
   Pico Xinger 10dB Directional Coupler
1P510 ANAREN-1P510 Datasheet
400Kb / 4P
   PICO XINGER 10dB DIRECTIONAL COUPLER
1P610S ANAREN-1P610S Datasheet
513Kb / 4P
   Pico Xinger 10dB Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com