Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELLCTV102M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELLCTV102M
Description  Magnetically shielded structure
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELLCTV102M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELLCTV102M Datasheet HTML 1Page - Panasonic Semiconductor ELLCTV102M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
Quantity 500 pcs./reel
Tape running direction
4.0
±0.3
cumulative pitch
deviation
2.50
±0.10
16.0
±0.3
4.70
±0.30
0.40
±0.05
2.0
±0.3
4.0
±0.3
Standard Parts
Embossed Carrier Tape Dimensions in mm (not to scale)
✽ Current: This indicates the value of current when the inductance is 70 % of nominal value or when the case temperature has risen 45 °C (at 20 °C)
Part No.
Inductance (100 kHz)
RDC (at 20 °C)
Rated
Current
(mA) max.
Marking
(µH)
Tolerance
(m )Tolerance
ELLCTV1R2N
1.2
±30 %
4.6
±20 %
6500
1R2
ELLCTV2R0N
2.05.6
6300
2R0
ELLCTV2R7N
2.77.0
5700
2R7
ELLCTV3R9N
3.98.5
5600
3R9
ELLCTV4R7N
4.7
9.9
5200
4R7
ELLCTV5R6N
5.6
11
4900
5R6
ELLCTV6R8N
6.8
14
4500
6R8
ELLCTV8R2N
8.2
15
4400
8R2
ELLCTV100M
10.0
±20 %
17
3900
100
ELLCTV120M
12.0
22
3700
120
ELLCTV150M
15.0
25
3100
150
ELLCTV180M
18.0
30
3000
180
ELLCTV220M
22.0
37
2700
220
ELLCTV270M
27.0
43
2300
270
ELLCTV330M
33.0
50
2200
330
ELLCTV390M
39.0
61
2100
390
ELLCTV470M
47.0
69
1900
470
ELLCTV560M
56.0
87
1600
560
ELLCTV680M
68.0
100
1500
680
ELLCTV820M
82.0
120
1400
820
ELLCTV101M
100.0
150
1200
101
ELLCTV121M
120.0
190
1100
121
ELLCTV151M
150.0
220
1000
151
ELLCTV181M
180.0
270
930
181
ELLCTV221M
220.0
310
840
221
ELLCTV271M
270.0
400
810
271
ELLCTV331M
330.0
500
660
331
ELLCTV391M
390.0
560
630
391
ELLCTV471M
470.0
690
580
471
ELLCTV561M
560.0
810
540
561
ELLCTV681M
680.0
1010
470
681
ELLCTV821M
820.0
1140
440
821
ELLCTV102M
1000.0
1500
410
102
Jan. 2008


Similar Part No. - ELLCTV102M

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ELL-4LG470MA PANASONICBATTERY-ELL-4LG470MA Datasheet
95Kb / 2P
   Power Inductors / Wire Wound type
ELL-5PR PANASONICBATTERY-ELL-5PR Datasheet
546Kb / 1P
   NEW! ELL-5PR Series
logo
Panasonic Semiconductor
ELL-5PR1R2N PANASONIC-ELL-5PR1R2N Datasheet
76Kb / 2P
   Power Inductors / Wire Wound type
ELL-5PR2R2N PANASONIC-ELL-5PR2R2N Datasheet
76Kb / 2P
   Power Inductors / Wire Wound type
ELL-6GM6R8N PANASONIC-ELL-6GM6R8N Datasheet
164Kb / 2P
   SMD Choke Coils
More results

Similar Description - ELLCTV102M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MDT2520ACN TOKO-MDT2520ACN Datasheet
128Kb / 1P
   Magnetically shielded
MBH10145C TOKO-MBH10145C Datasheet
245Kb / 1P
   Magnetically shielded
MBH12282C TOKO-MBH12282C Datasheet
246Kb / 1P
   Magnetically shielded
MBH7045C TOKO-MBH7045C Datasheet
297Kb / 2P
   Magnetically shielded
logo
Sumida Corporation
0415CDMC SUMIDA-0415CDMC Datasheet
116Kb / 2P
   Magnetically shielded.
0412CDMC SUMIDA-0412CDMC Datasheet
126Kb / 3P
   Magnetically shielded.
0415CDMCBDS SUMIDA-0415CDMCBDS Datasheet
130Kb / 3P
   Magnetically shielded
0420CDMCB SUMIDA-0420CDMCB Datasheet
171Kb / 3P
   Magnetically shielded.
0520CDMC SUMIDA-0520CDMC Datasheet
139Kb / 4P
   Magnetically shielded
0520CDMCBDS SUMIDA-0520CDMCBDS Datasheet
139Kb / 4P
   Magnetically shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com