Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7ET-NV-B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # H7ET-NV-B
Description  Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7ET-NV-B Datasheet(HTML) 4 Page - Omron Electronics LLC

  H7ET-NV-B Datasheet HTML 1Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 2Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 3Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 4Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 5Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 6Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 7Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 8Page - Omron Electronics LLC H7ET-NV-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
New H7EC
4
■ Characteristics
Note: Weight includes waterproof packing and flush mounting bracket.
■ Reference Value
Item
H7EC-NV-
@
H7EC-NV-
@H
H7EC-NFV-
@
H7EC-N-
@
Insulation resistance 100 M
Ω min. (at 500 VDC) between
current-carrying metal parts and ex-
posed non-current-carrying metal
parts, and between the backlight power
supply terminal and count input termi-
nals/reset terminals for backlight mod-
els
100 M
Ω min. (at 500 VDC) between
current-carrying metal parts and ex-
posed non-current-carrying metal parts
and between count input terminals and
reset terminals
100 M
Ω min. (at 500 VDC) between
current-carrying metal parts and ex-
posed non-current-carrying metal parts
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between
current-carrying metal parts and ex-
posed non-current-carrying metal parts
and between the backlight power sup-
ply terminal and count input terminals/
reset terminals for backlight models
3,700 VAC, 50/60 Hz for 1 min between
current-carrying metal parts and ex-
posed non-current-carrying metal parts
2,200 VAC, 50/60 Hz for 1 min between
reset terminals and exposed non-cur-
rent-carrying metal parts and between
count input terminals and reset termi-
nals
1,000 VAC, 50/60 Hz for 1 min between
current-carrying metal parts and ex-
posed non-current-carrying metal parts
Impulse withstand
voltage
4.5 kV between current-carrying termi-
nal and exposed non-current-carrying
metal parts
4.5 kV between current-carrying termi-
nal and exposed non-current-carrying
metal parts
3 kV between input terminals and reset
terminals
4.5 kV between current-carrying termi-
nal and exposed non-current-carrying
metal parts
Noise immunity
Square-wave noise generated by noise simulator (pulse width: 100 ns/1
µs, 1-ns rise)
±600 V (Between count input terminals/
Between reset terminals)
±480 V (Between the backlight power
supply terminals for backlight models)
±1.5 kV (Between count input termi-
nals)
±500 V (Between reset terminals)
±500 V (Between count input terminals/
Between reset terminals)
Static immunity
±8 kV (malfunction)
Vibration resistance Malfunction: 0.15-mm single amplitude at 10 to 55 Hz for 10 min each in 3 directions
Destruction: 0.375-mm single amplitude at 10 to 55 Hz for 2 hrs each in 3 directions
Shock resistance
Malfunction: 200 m/s2 3 times each in 6 directions
Destruction: 300 m/s2 3 times each in 6 directions
EMC
(EMI)
EN61326
Emission Enclosure:
EN55011 Group 1 class B
(EMS)
EN61326
Immunity ESD:
EN61000-4-2: 4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Immunity RF-interference from AM Radio Waves:
EN61000-4-3: 10 V/m (80 MHz to 1 GHz) (level 3)
Immunity RF-interference from Pulse-modulated Radio Waves:
EN61000-4-3: 10 V/m (900 MHz
± 5 MHz) (level 3)
Immunity Conducted Disturbance: EN61000-4-6: 10 V (0.15 to 80 MHz) (level 3)
Immunity Burst:
EN61000-4-4: 2 kV power line (level 3)
2 kV I/O signal line (level 4)
Degree of protection Front panel:
IP66, NEMA4
Terminal block: IP20
Weight (see note)
No-backlight model: Approx. 60 g
Backlight model: Approx. 65 g
Approx. 60 g
Approx. 60 g
Item
Value
Note
Battery life
7 years min. with continuous input at 25
°C
(lithium battery)
The battery life is calculated according to the conditions in the left column and
therefore is not a guaranteed value. Use these value as reference for mainte-
nance or replacement.


Similar Part No. - H7ET-NV-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H7ET-NV-B ETC-H7ET-NV-B Datasheet
449Kb / 7P
   Self-powered Time Counter
H7ET-NV-BH ETC-H7ET-NV-BH Datasheet
449Kb / 7P
   Self-powered Time Counter
More results

Similar Description - H7ET-NV-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7EC-NFV OMRON-H7EC-NFV Datasheet
1Mb / 13P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N OMRON-H7EC-N Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
Y92S-36 OMRON-Y92S-36 Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N-B OMRON-H7EC-N-B Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-NV OMRON-H7EC-NV Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
logo
Extech Instruments Corp...
365515 EXTECH-365515 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
365515 EXTECH-365515_15 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
407732 EXTECH-407732_15 Datasheet
180Kb / 1P
   Sound Level Meter with Backlit Display
logo
Keystone Electronics Co...
2460 KEYSTONE-2460 Datasheet
450Kb / 1P
   Economical design, available with PC terminals or wire leads
logo
Applied Concepts Inc.
ACD-2353 ACIPOWER-ACD-2353 Datasheet
324Kb / 3P
   XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com