Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC1E-H-AC12V-F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # HC1E-H-AC12V-F
Description  Relay for control panel of 1A to 10A (1c/2c/3c/4c)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HC1E-H-AC12V-F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  HC1E-H-AC12V-F Datasheet HTML 1Page - Panasonic Semiconductor HC1E-H-AC12V-F Datasheet HTML 2Page - Panasonic Semiconductor HC1E-H-AC12V-F Datasheet HTML 3Page - Panasonic Semiconductor HC1E-H-AC12V-F Datasheet HTML 4Page - Panasonic Semiconductor HC1E-H-AC12V-F Datasheet HTML 5Page - Panasonic Semiconductor HC1E-H-AC12V-F Datasheet HTML 6Page - Panasonic Semiconductor HC1E-H-AC12V-F Datasheet HTML 7Page - Panasonic Semiconductor HC1E-H-AC12V-F Datasheet HTML 8Page - Panasonic Semiconductor HC1E-H-AC12V-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HC
ASCTB4E 201302-T
LED INDICATION TYPE
HC RELAY SERIES PRODUCT TYPES
4-pole bifurcated (twin) type and Relay with LED indication are available.
TYPES
1. Standard type
1) Plug-in type
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
2) Plug-in type (with LED indication)
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
Type
With LED indication type
Part number
HC -HL
Features
LED lights up when relay is operating
Inspection and detection of trouble is easy.
LEDs are green for DC types and red for
AC types.
All types are available with LED indication.
Type
Amber sealed type HC relay
HC relay with diode type (for DC)
Part number
HC EHC - - V-D
Features
Relay is completely sealed with resin.
Provides high reliability in adverse surroundings.
Suitable for use in dusty conditions or where organic gases are present
Has built-in diode to absorb surge when the coil goes to the off state (for
DC type).
Suitable for protecting relay driver circuits and for noise suppression
Diode characteristics: Reverse breakdown voltage 1,000 V
Forward current 1 A
Nominal coil voltage
1 Form C
2 Form C
3 Form C
4 Form C
4 Form C (twin)
Part No.
Part No.
Part No.
Part No.
Part No.
6V AC
HC1-H-AC6V-F
HC2-H-AC6V-F
HC3-H-AC6V-F
HC4-H-AC6V
HC4D-H-AC6V
12V AC
HC1-H-AC12V-F
HC2-H-AC12V-F
HC3-H-AC12V-F
HC4-H-AC12V
HC4D-H-AC12V
24V AC
HC1-H-AC24V-F
HC2-H-AC24V-F
HC3-H-AC24V-F
HC4-H-AC24V
HC4D-H-AC24V
48V AC
HC1-H-AC48V-F
HC2-H-AC48V-F
HC3-H-AC48V-F
HC4-H-AC48V
HC4D-H-AC48V
100/110V AC
HC1-H-AC100V-F
HC2-H-AC100V-F
HC3-H-AC100V-F
HC4-H-AC100V
HC4D-H-AC100V
110/120V AC
HC1-H-AC120V-F
HC2-H-AC120V-F
HC3-H-AC120V-F
HC4-H-AC120V
HC4D-H-AC120V
200/220V AC
HC1-H-AC200V-F
HC2-H-AC200V-F
HC3-H-AC200V-F
HC4-H-AC200V
HC4D-H-AC200V
220/240V AC
HC1-H-AC240V-F
HC2-H-AC240V-F
HC3-H-AC240V-F
HC4-H-AC240V
HC4D-H-AC240V
6V DC
HC1-H-DC6V-F
HC2-H-DC6V-F
HC3-H-DC6V-F
HC4-H-DC6V
HC4D-H-DC6V
12V DC
HC1-H-DC12V-F
HC2-H-DC12V-F
HC3-H-DC12V-F
HC4-H-DC12V
HC4D-H-DC12V
24V DC
HC1-H-DC24V-F
HC2-H-DC24V-F
HC3-H-DC24V-F
HC4-H-DC24V
HC4D-H-DC24V
48V DC
HC1-H-DC48V-F
HC2-H-DC48V-F
HC3-H-DC48V-F
HC4-H-DC48V
HC4D-H-DC48V
100/110V DC
HC1-H-DC100V-F
HC2-H-DC100V-F
HC3-H-DC100V-F
HC4-H-DC100V
HC4D-H-DC100V
Nominal coil voltage
1 Form C
2 Form C
3 Form C
4 Form C
4 Form C (twin)
Part No.
Part No.
Part No.
Part No.
Part No.
6V AC
HC1-HL-AC6V-F
HC2-HL-AC6V-F
HC3-HL-AC6V-F
HC4-HL-AC6V
HC4D-HL-AC6V
12V AC
HC1-HL-AC12V-F
HC2-HL-AC12V-F
HC3-HL-AC12V-F
HC4-HL-AC12V
HC4D-HL-AC12V
24V AC
HC1-HL-AC24V-F
HC2-HL-AC24V-F
HC3-HL-AC24V-F
HC4-HL-AC24V
HC4D-HL-AC24V
100/110V AC
HC1-HL-AC100V-F
HC2-HL-AC100V-F
HC3-HL-AC100V-F
HC4-HL-AC100V
HC4D-HL-AC100V
110/120V AC
HC1-HL-AC120V-F
HC2-HL-AC120V-F
HC3-HL-AC120V-F
HC4-HL-AC120V
HC4D-HL-AC120V
200/220V AC
HC1-HL-AC200V-F
HC2-HL-AC200V-F
HC3-HL-AC200V-F
HC4-HL-AC200V
HC4D-HL-AC200V
220/240V AC
HC1-HL-AC240V-F
HC2-HL-AC240V-F
HC3-HL-AC240V-F
HC4-HL-AC240V
HC4D-HL-AC240V
6V DC
HC1-HL-DC6V-F
HC2-HL-DC6V-F
HC3-HL-DC6V-F
HC4-HL-DC6V
HC4D-HL-DC6V
12V DC
HC1-HL-DC12V-F
HC2-HL-DC12V-F
HC3-HL-DC12V-F
HC4-HL-DC12V
HC4D-HL-DC12V
24V DC
HC1-HL-DC24V-F
HC2-HL-DC24V-F
HC3-HL-DC24V-F
HC4-HL-DC24V
HC4D-HL-DC24V
48V DC
HC1-HL-DC48V-F
HC2-HL-DC48V-F
HC3-HL-DC48V-F
HC4-HL-DC48V
HC4D-HL-DC48V
100/110V DC
HC1-HL-DC100V-F
HC2-HL-DC100V-F
HC3-HL-DC100V-F
HC4-HL-DC100V
HC4D-HL-DC100V
1234
5678
910
11
12
13
–+14
LED
• LED colors indicate the type of relay:
red for AC type and green for DC type.
Protection diode
(Bottom view)


Similar Part No. - HC1E-H-AC12V-F

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
HC1 ILLINOISCAPACITOR-HC1 Datasheet
894Kb / 4P
   High AC Voltage - High current
logo
Cooper Bussmann, Inc.
HC1-100-R COOPER-HC1-100-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-1R0-R COOPER-HC1-1R0-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-1R7-R COOPER-HC1-1R7-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-2R3-R COOPER-HC1-2R3-R Datasheet
317Kb / 3P
   High Current Inductor
More results

Similar Description - HC1E-H-AC12V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com