Electronic Components Datasheet Search
Selected language     English  ▼


W005 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part No. W005
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EIC [EIC discrete Semiconductors]
Homepage  http://www.eicsemi.com
Logo 

   
 1 page
background image
W005 - W10
SILICON BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 1.5 Ampere
FEATURES :
* Glass passivated chip
* High case dielectric strength
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Ideal for printed circuit board
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated leads solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 1.29 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL W005
W01
W02
W04
W06
W08
W10
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Current
0.375" (9.5 mm) lead length
IF(AV)
1.5
Amps.
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
50
Amps.
Rating for fusing
( t < 8.3 ms. )
I
2t
10
A
2S
Maximum Forward Voltage per Diode at IF = 1.0 Amp.
VF
1.0
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Typical Junction Capacitance per Diode (Note 1)
CJ
14
pf
Typical Thermal Resistance (Note 2)
R
θJA
36
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
1 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2 ) Thermal resistance from Junction to Ambient at 0.375" (9.5 mm) lead length P.C. Board mounting.
UPDATE : JANUARY 24, 2000
RATING
WOB
-
0.39 (10.0)
0.31 (7.87)
0.034 (0.86)
0.028 (0.71)
AC
+
0.22 (5.59)
0.18 (4.57)
0.22 (5.59)
0.18 (4.57)
0.22 (5.59)
0.18 (4.57)
+
-
AC
AC
1.00 (25.4)
MIN.
Dimension in inches and (millimeter)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
B40-C1000SILICON BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
RBV1500DSILICON BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
DT6C006 AMP SILICON BRIDGE RECTIFIERS 1 DIOTEC Electronics Corporation
SB400L4 AMP SILICON BRIDGE RECTIFIERS 1 2 DIOTEC Electronics Corporation
KBPC2500SILICON BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
2W005SILICON BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
BR1000SILICON BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
RBV2500SILICON BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
SB101Single Phase 10 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
CBR1-010SILICON BRIDGE RECTIFIERS 1 Central Semiconductor Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl