Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W005 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # W005
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

W005 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  W005 Datasheet HTML 1Page - EIC discrete Semiconductors W005 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( W005 - W10 )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE, VOLTS
60 Hz, Resistive or Inductive load.
1.2
0.6
0.3
1.5
10
10
1.0
40
0
50
0
20
10
0.01
1
80
0.01
0.1
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
SINGLE HALF SINE WAVE
(JEDEC METHOD)
TJ = 55 °C
TJ = 100 °C
TJ = 25 °C
30
0.9
0.375(9.5mm)
Copper Pads
0.22" x 0.22" (5.5 x5.5mm)
PC Board
20


Similar Part No. - W005

ManufacturerPart #DatasheetDescription
logo
Surge Components
W005 SURGE-W005 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Shenzhen Yixinwei Techn...
W005 YIXIN-W005 Datasheet
250Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Daya Electric Group Co....
W005 DAYA-W005 Datasheet
94Kb / 2P
   1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Nanjing International G...
W005 DGNJDZ-W005 Datasheet
30Kb / 2P
   SINGLE PHASE 1.0AMPBRIDGE RECTIFIERS
logo
Semtech Corporation
W005 SEMTECH-W005 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
More results

Similar Description - W005

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com