Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7ET-N-B Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # H7ET-N-B
Description  Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7ET-N-B Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button H7ET-N-B Datasheet HTML 3Page - Omron Electronics LLC H7ET-N-B Datasheet HTML 4Page - Omron Electronics LLC H7ET-N-B Datasheet HTML 5Page - Omron Electronics LLC H7ET-N-B Datasheet HTML 6Page - Omron Electronics LLC H7ET-N-B Datasheet HTML 7Page - Omron Electronics LLC H7ET-N-B Datasheet HTML 8Page - Omron Electronics LLC H7ET-N-B Datasheet HTML 9Page - Omron Electronics LLC H7ET-N-B Datasheet HTML 10Page - Omron Electronics LLC H7ET-N-B Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
New H7EC
7
Operation
■ Operating Modes
Nomenclature
Note: 1. Perform switch setting before mounting to a control panel.
2. If the counting speed setting is changed, the present value will not be held. Press the Reset Key on the front panel.
3. Key protection is used to prohibit operating the Reset Key. The reset input terminals will still be functional.
H7EC Total Counter
Reset
Counting display values
Full-scale
Count input
Incrementing Operation
(Up)
(Full-scale
−1)
H7EC
1 kHz
Front view
Bottom view
Reset Key
Key-protect Switch
Counting speed switch
Key-protect
Front panel
ON
Terminal block
Counting speed
Front panel
Terminal block
For all models except for H7EC-NFV-
@.
If the counting speed setting is changed,
the present value will not be held and so
press the Reset Key on the front panel.
Setting
(see note)
30 Hz
(default setting)
Setting
(see note)
OFF
(default setting)
Reset the count value. Not operable
under key-protect.
Concave
side
Concave
side
The Reset Key is not operable while the
key-protect switch is set to ON.
Concave
side
Concave
side


Similar Part No. - H7ET-N-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H7ET-N-B ETC-H7ET-N-B Datasheet
449Kb / 7P
   Self-powered Time Counter
More results

Similar Description - H7ET-N-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7EC-NFV OMRON-H7EC-NFV Datasheet
1Mb / 13P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N OMRON-H7EC-N Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
Y92S-36 OMRON-Y92S-36 Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N-B OMRON-H7EC-N-B Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-NV OMRON-H7EC-NV Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
logo
Extech Instruments Corp...
365515 EXTECH-365515 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
365515 EXTECH-365515_15 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
407732 EXTECH-407732_15 Datasheet
180Kb / 1P
   Sound Level Meter with Backlit Display
logo
Keystone Electronics Co...
2460 KEYSTONE-2460 Datasheet
450Kb / 1P
   Economical design, available with PC terminals or wire leads
logo
Applied Concepts Inc.
ACD-2353 ACIPOWER-ACD-2353 Datasheet
324Kb / 3P
   XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com