Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8385-XXIP Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX8385-XXIP
Description  3A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8385-XXIP Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX8385-XXIP Datasheet HTML 3Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 4Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 5Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 6Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 7Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 8Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 9Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 10Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PRODUCTION DATA SHEET
Microsemi Inc.
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 2000
Rev. 2.0b, 2005-10-25
LX8385x-xx
3A Low Dropout Positive Regulators
TM
®
PACKAGE DIMENSIONS
P
3-Pin Plastic TO-220
A
G
F
Q
B
D
H
C
J
R
K
L
N
S
T
U
12
3
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
14.22
15.88
0.560
0.625
B
9.65
10.67
0.380
0.420
C
3.56
4.83
0.140
0.190
D
0.51
1.14
0.020
0.045
F
3.53
4.09
0.139
0.161
G
2.54 BSC
0.100 BSC
H
6.35
0.250
J
0.30
1.14
0.012
0.045
K
12.70
14.73
0.500
0.580
L
1.14
1.27
0.045
0.050
N
5.08 TYP
0.200 TYP
Q
2.54
3.05
0.100
0.120
R
2.03
2.92
0.080
0.115
S
1.14
1.40
0.045
0.055
T
5.84
6.86
0.230
0.270
U
0.508
1.14
0.020
0.045
DD
3-Pin Plastic TO-263
A
B
K
I
F
H
C
D
0° -8°
M
N
J
Seating Plane
E
G
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
10.03
10.67
0.395
0.420
B
8.51
9.17
0.335
0.361
C
4.19
4.59
0.165
0.181
D
1.14
1.40
0.045
0.055
E
0.330
0.51
0.013
0.020
F
1.19
1.34
0.047
0.053
G
2.41
2.66
0.095
0.104
H
2.29
2.79
0.090
0.110
I
1.65
0.065
J
0
0.25
0
0.010
K
14.60
15.87
0.575
0.625
M
N
Note:
Dimensions do not include mold flash or protrusions; these shall not exceed 0.155mm(.006”) on any side. Lead dimension shall
not include solder coverage.


Similar Part No. - LX8385-XXIP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8385-XXIP MICROSEMI-LX8385-XXIP Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
More results

Similar Description - LX8385-XXIP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com