Selected language     English  ▼


W01 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part No. W01
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EIC [EIC discrete Semiconductors]
Homepage  http://www.eicsemi.com
Logo 

   
 2 page
background image
RATING AND CHARACTERISTIC CURVES ( W005 - W10 )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE, VOLTS
60 Hz, Resistive or Inductive load.
1.2
0.6
0.3
1.5
10
10
1.0
40
0
50
0
20
10
0.01
1
80
0.01
0.1
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
SINGLE HALF SINE WAVE
(JEDEC METHOD)
TJ = 55 °C
TJ = 100 °C
TJ = 25 °C
30
0.9
0.375(9.5mm)
Copper Pads
0.22" x 0.22" (5.5 x5.5mm)
PC Board
20




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
B40-C1000SILICON BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
RBV1500DSILICON BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
DT6C006 AMP SILICON BRIDGE RECTIFIERS 1 DIOTEC Electronics Corporation
SB400L4 AMP SILICON BRIDGE RECTIFIERS 1 2 DIOTEC Electronics Corporation
KBPC2500SILICON BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
2W005SILICON BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
BR1000SILICON BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
RBV2500SILICON BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
SB101Single Phase 10 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
CBR1-010SILICON BRIDGE RECTIFIERS 1 Central Semiconductor Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl