Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC4ED-H-AC200V Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # HC4ED-H-AC200V
Description  Relay for control panel of 1A to 10A (1c/2c/3c/4c)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HC4ED-H-AC200V Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button HC4ED-H-AC200V Datasheet HTML 5Page - Panasonic Semiconductor HC4ED-H-AC200V Datasheet HTML 6Page - Panasonic Semiconductor HC4ED-H-AC200V Datasheet HTML 7Page - Panasonic Semiconductor HC4ED-H-AC200V Datasheet HTML 8Page - Panasonic Semiconductor HC4ED-H-AC200V Datasheet HTML 9Page - Panasonic Semiconductor HC4ED-H-AC200V Datasheet HTML 10Page - Panasonic Semiconductor HC4ED-H-AC200V Datasheet HTML 11Page - Panasonic Semiconductor HC4ED-H-AC200V Datasheet HTML 12Page - Panasonic Semiconductor HC4ED-H-AC200V Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HC
ASCTB4E 201302-T
2. Amber sealed type
1) Coil data
Same coil data as HC relay standard type. Please refer to standard type information.
2) Specifications
Notes: Other specifications are same as standard types.
*1. This value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
3) Switching capacity and expected life
(1) Electrical (at 20 times/min.)
(2) Mechanical (at 180 times/min.)
AC coil type: Min. 5
×107; DC coil type: Min. 108
3. With diode type (For DC)
1) Coil data
Same coil data as HC relay standard type for DC. Please refer to standard type information.
Please connect DC coil type built-in diode correctly by verifying the coil polarity.
2) Specifications
Notes: Other specifications are same as standard type HC relay. Please see the standard type HC relay.
* The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
Characteristics
Item
Specifications
1 Form C
2 Form C
4 Form C
4 Form C (twin)
Contact
Arrangement
1 Form C
2 Form C
4 Form C
4 Form C
Rating
Nominal switching capacity (resistive load)
5A 250V AC
3A 250V AC
2A 250V AC
1A 250V AC
Max. switching power (resistive load)
1,250VA
700VA
500VA
250VA
Max. switching voltage
250VAC
250VAC
250VAC
250VAC
Max. switching current
5A
3A
2A
1A
Min. switching capacity (Reference value)*1
1mA 100mV DC
100
µA 100mV DC
Electrical characteristics
Temperature rise (coil) (at 60
°C 140°F)
Max. 90
°C 194°F (By resistive method, nominal voltage)
Expected life
Electrical
Min. 2
×105 resistive load (at 20 times/min.)
Conditions
Conditions for operation, transport and
storage*2
Ambient temperature: –40
°C to +60°C –40°F to +140°F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Ambient air pressure
760mmHg
±20% (1,013mb±20%)
Load
AC
DC
Expected life
Resistive (cos
ϕ = 1)
Inductive (cos
ϕ
0.4)
Resistive
Inductive
Voltage
125V AC
250V AC
125V AC
250V AC
30V DC
30V DC
HC1E
5A
5A
3A
1A
Min. 2
×105
HC2E
3A
3A
2A
0.7A
Min. 2
×105
HC4E
2A
2A
2A
0.6A
Min. 2
×105
HC4ED (4 Form C twin)
1A
1A
————
Min. 2
×105
Characteristics
Item
Specifications
Conditions
Conditions for operation, transport and storage*
Ambient temperature: –50
°C to +60°C –58°F to +140°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)


Similar Part No. - HC4ED-H-AC200V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC4ED-H-AC200V PANASONIC-HC4ED-H-AC200V Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
More results

Similar Description - HC4ED-H-AC200V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com