Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1056ACM Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL1056ACM
Description  Monolithic High-Speed Pin Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL1056ACM Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL1056ACM Datasheet HTML 6Page - Elantec Semiconductor EL1056ACM Datasheet HTML 7Page - Elantec Semiconductor EL1056ACM Datasheet HTML 8Page - Elantec Semiconductor EL1056ACM Datasheet HTML 9Page - Elantec Semiconductor EL1056ACM Datasheet HTML 10Page - Elantec Semiconductor EL1056ACM Datasheet HTML 11Page - Elantec Semiconductor EL1056ACM Datasheet HTML 12Page - Elantec Semiconductor EL1056ACM Datasheet HTML 13Page - Elantec Semiconductor EL1056ACM Datasheet HTML 14Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EL1056ACEL1056C
Monolithic High-Speed Pin Driver
Applications Information
Contd
The ISR pin is connected to the emitter of a PNP
transistor whose base is biased a diode below
ground (see Figure 2) Thus the ISR input looks
like a low impedance for positive input currents
and is biased close to ground A protection diode
absorbs negative currents and the input PNP
will not conduct In power-down mode the PNP
releases its current sink and the external circuit
must not present more than 6V to the disabled
ISR input or emitter-base damage to the NPN
will occur within the driver A signal diode or
zener can be used to clamp the ISR input for posi-
tive input voltages if the voltage on the ISR resis-
tor is potentially greater than 6V when the driver
is in power-down mode
Output Stage – Tristate Mode
In tristate mode (OE low) the output transistors
have their emitter-base junctions reverse-biased
by a diode voltage This turn-off voltage is in fact
provided by an internal buffer whose input is
connected to the output pin (see Figure 3) Tran-
sistors Q1 – Q4 form the output buffer in normal
mode The tristate mode buffer Q5 – Q8 replicates
externally impressed voltages from the output
pin onto the internal schottky switch node They
also turn off Q1 – Q4 by a reverse diode voltage
between bases and emitters
effectively boot-
strapping the internal voltages so that no tran-
sistor’s base-emitter junction is reverse-biased by
a damaging potential Another benefit is that the
capacitance seen at the output in tristate mode is
reduced
Because the tristate buffer’s input is connected to
the output terminal the output is quite ‘‘alive’’
during tristate For instance the input bias cur-
rent of the buffer is seen as the tristate ‘‘leakage’’
and its variation with applied voltage becomes
tristate input impedance
The tristate input current is like a current source
and it can drag an output to unpredictable volt-
ages It is not a danger to connect a tristated out-
put that has drifted to say b6V to a logic pin of
a device to be tested The tristate output current
will simply comply with whatever voltage the
connected part normally establishes
The tristate input impedance is also quite active
over frequency The output can oscillate when
presented with resonant or inductive impedances
To prevent this a snubber should be connected
from output to ground consisting of a resistor in
series with a small capacitor The snubber can
also reduce the reflections of the coaxial line
when driven from the far end since the line ap-
pears to have an open termination during tri-
state Typical values for the resistor are 50
X to
75
X and 12 pF to 22 pF for the series capacitor
The effect of the snubber is to ‘‘de-Q’’ resonances
at the output
1056 – 27
Figure 2 ISR Pin Circuitry
10


Similar Part No. - EL1056ACM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1056ACM INTERSIL-EL1056ACM Datasheet
479Kb / 12P
   Monolithic High-Speed Pin Driver
More results

Similar Description - EL1056ACM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
   High Speed, Monolithic Pin Driver
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
   Monolithic High-Speed Pin Driver
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
   High Speed, Monolithic Pin Driver
logo
Intersil Corporation
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
   High Speed, Monolithic Pin Driver
September 7, 2010
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
   800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Intersil Corporation
EL2021 INTERSIL-EL2021 Datasheet
363Kb / 8P
   Monolithic Pin Driver
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
   800MHz Monolithic Pin Driver
September 1998
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com