Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0190 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0190
Description  GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0190 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0190 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0190 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0190 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0190 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
GaAs Broadband DPDT Diversity Switch
2.0 - 6.0 GHz
Rev. V1
MASWSS0190
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves (on/off or off/on states)
† Reference Application Note M538 for lead-free solder reflow recommendations.
Lead-Free 2 mm 8-Lead UTDFN
Insertion Loss
Isolation
Return Loss
0.5
1.0
1.5
2.0
23
456
3 pF
8 pF
Frequency (GHz)
20
30
40
50
60
234
56
3 pF
8 pF
Frequency (GHz)
-50
-40
-30
-20
-10
234
56
Input Return Loss 3 pF
Input Return Loss 8 pF
Output Return Loss 3 pF
Output Return Loss 8 pF
Frequency (GHz)


Similar Part No. - MASWSS0190

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0190 MACOM-MASWSS0190 Datasheet
148Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
Tyco Electronics
MASWSS0190SMB MACOM-MASWSS0190SMB Datasheet
148Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0190SMB MA-COM-MASWSS0190SMB Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
Tyco Electronics
MASWSS0190TR-3000 MACOM-MASWSS0190TR-3000 Datasheet
148Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
More results

Similar Description - MASWSS0190

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0190 MACOM-MASWSS0190 Datasheet
148Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
Tyco Electronics
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0107 MA-COM-MASWSS0107_15 Datasheet
553Kb / 5P
   GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
   GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
logo
Tyco Electronics
MASW-007656 MACOM-MASW-007656 Datasheet
142Kb / 6P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0094 MA-COM-MASWSS0094 Datasheet
119Kb / 5P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
Tyco Electronics
MASWSS0094 MACOM-MASWSS0094 Datasheet
141Kb / 5P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
Tyco Electronics
MASWSS0107 MACOM-MASWSS0107 Datasheet
185Kb / 4P
   GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com